Electronic Components Datasheet Search
  English  ▼

X  

SB2003M Datasheet(PDF) 1 Page - ON Semiconductor

Part # SB2003M
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB2003M Datasheet(HTML) 1 Page - ON Semiconductor

  SB2003M Datasheet HTML 1Page - ON Semiconductor SB2003M Datasheet HTML 2Page - ON Semiconductor SB2003M Datasheet HTML 3Page - ON Semiconductor SB2003M Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
61714HK TC-00002878/N0712TKIM/62310TKIM/62405MSIM SB No.8371-1/4
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
June, 2014
SB2003M
Schottky Barrier Diode
30V, 2A, Low IR, Single MCPH6
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.
Applications
•
Highfrequencyrectification(switchingregulators,converters,choppers)
Features
•
Lowswitchingnoise
•
Halogen free compliance
•
Lowleakagecurrentandhighreliabilityduetohighlyreliableplanarstructure
•
Ultrasmallpackagepermittingappliedsetstobesmallandslim(mountingheight0.85mm)
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
IO
2.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit:mm(typ)
7022A-014
Ordering number : EN8371C
Product & Package Information
•Package
:MCPH6
•JEITA,JEDEC
:SC-88,SC-70-6,SOT-363
•MinimumPackingQuantity :3,000pcs./reel
Packing Type : TL
Marking
Electrical Connection
TL
1 : Cathode
2 : Cathode
3 : Anode
4 : No Contact
5 : Cathode
6 : Cathode
MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
SB2003M-TL-E
SB2003M-TL-W
SE
65
4
13
2


Similar Part No. - SB2003M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SB2003M SANYO-SB2003M Datasheet
147Kb / 3P
30V, 2.0A Rectifier
SB2003M SANYO-SB2003M_10 Datasheet
147Kb / 3P
30V, 2.0A Rectifier
More results

Similar Description - SB2003M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com