Electronic Components Datasheet Search
  English  ▼

X  

SB2003M Datasheet(PDF) 3 Page - ON Semiconductor

Part # SB2003M
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB2003M Datasheet(HTML) 3 Page - ON Semiconductor

  SB2003M Datasheet HTML 1Page - ON Semiconductor SB2003M Datasheet HTML 2Page - ON Semiconductor SB2003M Datasheet HTML 3Page - ON Semiconductor SB2003M Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB2003M
No.8371-3/4
7 0.01
23
7 0.1
0
52
23
37 1.0
5
12
14
8
4
10
6
2
ID00435
IFSM -- t
IS
20ms
t
Current waveform 50Hz sine wave
Time, t -- s
(2) (3)
(1)
0
0
0.5
1.4
0.2
0.4
0.6
0.8
1.0
1.2
2.5
2.0
1.5
1.0
Average Output Current, IO -- A
PF(AV) -- IO
IT08591
0.1
2
100
2
3
5
7
2
5
7
3
35 7 1.010
23
57
23
57
Reverse Voltage, VR -- V
C -- VR
IT08590
(4)
(1)Rectangular wave θ=60°
(2)Rectangular wave θ=120°
(3)Rectangular wave θ=180°
(4)Sine wave θ=180°
θ
360°
Rectangular
wave
180°
360°
Sine wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com