Electronic Components Datasheet Search
  English  ▼

X  

ST5870 Datasheet(PDF) 1 Page - AUK corp

Part # ST5870
Description  Photo Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

ST5870 Datasheet(HTML) 1 Page - AUK corp

  ST5870 Datasheet HTML 1Page - AUK corp ST5870 Datasheet HTML 2Page - AUK corp ST5870 Datasheet HTML 3Page - AUK corp ST5870 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KPT-0004-000
1
ST5870
Photo Transistor
해
Features
• Lensed for high sensitivity
• φ5mm(T-13/4) all plastic mold type
• High reliability and stable characteristics
• Visible light cut-off type
• With base terminal
Outline Dimensions
unit : mm
22.0 MIN
2.5 2.5
1.0 MIN
1.0 MIN
2
13
0.5
3
2
5.0±0.2
8.6±0.2
7.8±0.2
5.8±0.2
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Base
2.Collector
3.Emitter


Similar Part No. - ST5870

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST580S SMC-ST580S Datasheet
183Kb / 5P
Reverse battery protection
logo
SMC Diode Solutions Co....
ST580S SMCDIODE-ST580S Datasheet
274Kb / 4P
SCHOTTKY RECTIFIER
Rev. C
logo
AUK corp
ST5811 AUK-ST5811 Datasheet
51Kb / 3P
Photo Transistor
logo
KODENSHI_AUK CORP.
ST5811 KODENSHI-ST5811 Datasheet
189Kb / 4P
Photo Transistor
More results

Similar Description - ST5870

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD6000PT MARKTECH-MTD6000PT Datasheet
183Kb / 2P
Photo Transistor
MTD6010A MARKTECH-MTD6010A Datasheet
82Kb / 2P
PHOTO TRANSISTOR
MTD6160 MARKTECH-MTD6160 Datasheet
103Kb / 3P
PHOTO TRANSISTOR?
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
Photo Transistor
logo
NEC
PH108A NEC-PH108A Datasheet
62Kb / 2P
PHOTO TRANSISTOR
logo
Marktech Corporate
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
Photo Transistor
MTD8060P MARKTECH-MTD8060P Datasheet
104Kb / 2P
Photo Transistor
PT086N4 MARKTECH-PT086N4 Datasheet
254Kb / 1P
Photo Transistor
MTD8060W MARKTECH-MTD8060W_2 Datasheet
175Kb / 2P
Photo Transistor
MTD8000M3B-T MARKTECH-MTD8000M3B-T_15 Datasheet
570Kb / 3P
Photo Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com