Electronic Components Datasheet Search
  English  ▼

X  

ST5870 Datasheet(PDF) 2 Page - AUK corp

Part # ST5870
Description  Photo Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

ST5870 Datasheet(HTML) 2 Page - AUK corp

  ST5870 Datasheet HTML 1Page - AUK corp ST5870 Datasheet HTML 2Page - AUK corp ST5870 Datasheet HTML 3Page - AUK corp ST5870 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KPT-0004-000
2
ST5870
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Collector-Emitter Voltage
VCEO
30
V
Emitter-Collector Voltage
VECO
6
V
Collector-Base Voltage
VCBO
30
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
20
mA
Collector Power Dissipation
PD
75
mW
Operating Temperature
Topr
-25~85
℃
Storage Temperature
Tstg
-30~100
℃
*1Soldering Temperature
Tsol
260℃ for 5 seconds
*1. Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Current Dark Current
ICEO
VCEO=10V, Ee=0
-
0.05
0.5
uA
*3Light Current
ICEL
VCE=5V, Ee≒1mW/㎠
-
5
-
mA
Current-Emitter Saturation Voltage
VCE(sat)
IC=0.5㎃, Ee≒1mW/㎠
-
0.18
-
V
Rise Time
tr
10
Switching Time
Fall Time
tf
VCC=2V, IC=1mA
R1=100Ω
-
10
-
us
Spectral Sensitivity
λ
-
700 ~ 1000
nm
Peak Sensitivity Wavelength
λP
-
-
880
-
nm
Half angle
θ1/2
-
-
±35
-
deg
*1. Tolerance = ±30%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com