Electronic Components Datasheet Search
  English  ▼

X  

STC344 Datasheet(PDF) 1 Page - AUK corp

Part # STC344
Description  NPN Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STC344 Datasheet(HTML) 1 Page - AUK corp

  STC344 Datasheet HTML 1Page - AUK corp STC344 Datasheet HTML 2Page - AUK corp STC344 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-B003-001
1
STC344
NPN Silicon Transistor
Descriptions
• High voltage application
• Color TV horizontal driver application
• Color TV chroma output application
Features
• Collector-Emitter voltage VCEO=300V
• Complementary pair with STA343
Ordering Information
Type NO.
Marking
Package Code
STC344
STC344
MPT
Outline Dimensions
unit : mm
PIN Connections
1. Emitter
2. Collector
3. Base
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
2.5
±0.1.
1
6.5
±0.2
1.2 Max.
5.0
±0.2
0.4~0.6
0.70 Max.
2
3


Similar Part No. - STC344

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC345 AUK-STC345 Datasheet
237Kb / 3P
NPN Silicon Transistor
STC345L AUK-STC345L Datasheet
216Kb / 3P
NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC345L KODENSHI-STC345L Datasheet
219Kb / 5P
NPN Silicon Transistor
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
STC3485EEPA ETC1-STC3485EEPA Datasheet
641Kb / 11P
3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
More results

Similar Description - STC344

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com