Electronic Components Datasheet Search
  English  ▼

X  

STC344 Datasheet(PDF) 2 Page - AUK corp

Part # STC344
Description  NPN Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STC344 Datasheet(HTML) 2 Page - AUK corp

  STC344 Datasheet HTML 1Page - AUK corp STC344 Datasheet HTML 2Page - AUK corp STC344 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-B003-001
2
STC344
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
300
V
Collector-Emitter voltage
VCEO
300
V
Emitter-Base voltage
VEBO
7
V
Collector current
IC
100
mA
Emitter Current
IE
-100
mA
Collector dissipation
PC
1.2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=50µA, IE=0
300
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
300
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=50µA, IC=0
7
-
-
V
Collector cut-off current
ICBO
VCB=300V, IE=0
-
-
0.5
µA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
0.5
µA
DC current gain
hFE
VCE=10V, IC=10mA
40
-
300
-
Collector-Emitter saturation voltage
VCE(sat)
IC=10mA, IB=1mA
-
-
0.5
V
Transition frequency
fT
VCE=10V, IC=20mA
50
95
-
MHz
Collector output capacitance
Cob
VCB=20V, IE=0, f=1MHz
-
3
-
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com