Electronic Components Datasheet Search
  English  ▼

X  

LA6571 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LA6571
Description  5CH Driver for Mini Disk and Compact Disk
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6571 Datasheet(HTML) 2 Page - ON Semiconductor

  LA6571 Datasheet HTML 1Page - ON Semiconductor LA6571 Datasheet HTML 2Page - ON Semiconductor LA6571 Datasheet HTML 3Page - ON Semiconductor LA6571 Datasheet HTML 4Page - ON Semiconductor LA6571 Datasheet HTML 5Page - ON Semiconductor LA6571 Datasheet HTML 6Page - ON Semiconductor LA6571 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA6571
No.7739-2/7
Electrical Characteristics at Ta = 25
°C, VCC1 = 5V, VCC2 = 12V, VREF-IN = 1.65V, unless especially specified
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[ALL Blocks]
No-load current drain ON
ICC ON
All outputs ON *1
30
50
mA
No-load current drain OFF
ICC OFF
All outputs OFF *1
10
20
mA
VREF input voltage range
VREF-IN
1
VCC2-1
V
Thermal shutdown temperature
TSD
*7
150
175
200
°C
[BTL AMP Block] (CH1 to CH5)
Output offset voltage
VOFF
Voltage difference in output between
BTL AMP and each channel.
-50
50
mV
Output offset voltage
VOFF1
Voltage difference in output between
BTL AMP and each channel.
-80
80
mV
Output voltage
VO
CH1,CH2 *3
3.2
4.0
V
Output voltage
VO1
CH3,CH4,CH5 *4
9.7
10.5
V
Closed-circuit voltage gain
VG1
Gain between input and output for CH1, CH2,
and CH5 *2
4.2
5.0
6.0
times
Closed-circuit voltage gain
VG3
Gain between input and output for CH3 and
CH4 *2
8.2
9.0
11.0
times
Slew rate
SR
AMP Independent.
Multiply 2 between outputs. *7
0.5
V/
μs
MUTE ON voltage
VMUTE ON
Each MUTE *6
2
V
MUTE OFF voltage
VMUTE OFF
Each MUTE *6
0.5
V
[Input AMP Block]
Input voltage range
VIN op
0
VCC2-1.5
V
Output offset voltage
VOFF op
-10
10
mV
Output current (SINK)
SINK op
2
mA
Output current (SOURCE)
SOURCE op
*5
300
500
μA
[Power Supply Block] (PNP transistor: 2SB632K)
Regulator output
VOUT
For error Amp, RL = 10kΩ at buffer
1.2
1.3
1.4
V
REG-IN SINK current
REG-IN-SINK
Base current to external PNP
5
10
mA
Line regulation
ΔVOLN
6V
≤ VCC ≤ 12V, IO = 200mA
20
150
mV
Load regulation
ΔVOLD
5mA
≤ IO ≤ 200mA
50
200
mV
*1. Current dissipation that is a sum of VCC1 and VCC2 at no load.
*2. Input AMP is a BUFFER AMP.
*3. Voltage difference between both ends of load (8
Ω). Output saturated.
*4. Voltage difference between both ends of load (12
Ω). Output saturated.
*5. The source of input OP-AMP is a constant current. (See the specified block diagram.)
As the 11k
Ω resistance to the next stage is a load, pay due attention when setting the input OP-AMP gain.
*6. Output ON with MUTE: [H] and OFF with MUTE: [L] (HI impedance).
*7. Design guarantee value



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com