Electronic Components Datasheet Search
  English  ▼

X  

LA6571 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LA6571
Description  5CH Driver for Mini Disk and Compact Disk
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6571 Datasheet(HTML) 3 Page - ON Semiconductor

  LA6571 Datasheet HTML 1Page - ON Semiconductor LA6571 Datasheet HTML 2Page - ON Semiconductor LA6571 Datasheet HTML 3Page - ON Semiconductor LA6571 Datasheet HTML 4Page - ON Semiconductor LA6571 Datasheet HTML 5Page - ON Semiconductor LA6571 Datasheet HTML 6Page - ON Semiconductor LA6571 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LA6571
No.7739-3/7
Package Dimensions
unit : mm
3251
Pin Description
Pin
Name
Pin
Name
Pin No.
Equivalent Circuit Diagram
Description
Input
VIN1+
VIN1−
VIN1
VIN2+
VIN2−
VIN2
VIN3+
VIN3−
VIN3
VIN4−
VIN4+
VIN4
VIN5+
VIN5−
VIN5
17
16
15
20
19
18
23
22
21
30
29
31
32
33
34
S-GND
VCC
VIN+
VIN-
VIN
Each input pin
Output
VO1+
VO1−
VO2+
VO2−
VO3+
VO3−
VO4+
VO4−
VO5+
VO5−
12
13
10
11
8
9
6
7
5
4
VCC
RF
VO
Each output
MUTE
MUTE1
MUTE2
MUTE3
1
2
36
MUTE
S-GND
VCC
Turns ON/OFF the output for
MUTE1: CH1, 2
MUTE2: CH3, 4, and
MUTE3: CH5.
Each MUTE operates
independently.
MUTE: H output ON
MUTE: L output OFF
With the output OFF, the
output has a high impedance.
(6.2)
36
1
19
18
0.8
2.0
17.8
0.3
2.7
0.25
(0.5)
SANYO : HSOP36R(375mil)
020
-40
-20
-30
40
60
100
80 85
0
1.0
0.8
0.5
3.0
2.0
2.5
1.04
0.42
1.5
Ambient Temperature, Ta -
°C
ILA00922
Pd max - Ta
Independent IC
Mounted on a specified board
Mounted on a specified board:
76.1mm
×114.3mm×1.6mm glass epoxy



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com