Electronic Components Datasheet Search
  English  ▼

X  

SS0503SH Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS0503SH
Description  Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS0503SH Datasheet(HTML) 2 Page - ON Semiconductor

  SS0503SH Datasheet HTML 1Page - ON Semiconductor SS0503SH Datasheet HTML 2Page - ON Semiconductor SS0503SH Datasheet HTML 3Page - ON Semiconductor SS0503SH Datasheet HTML 4Page - ON Semiconductor SS0503SH Datasheet HTML 5Page - ON Semiconductor SS0503SH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=0.5mA
30
V
Forward Voltage
VF1IF=0.3A
0.37
0.42
V
VF2IF=0.5A
0.42
0.47
V
Reverse Current
IR
VR=15V
120
μA
Interterminal Capacitance
C
VR=10V, f-1MHz
13
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
trr Test Circuit
Ordering Information
Device
Package
Shipping
memo
SS0503SH-TL-E
SCH6
5,000pcs./reel
Pb Free
Duty
≤10%
50
Ω
100
Ω
10
Ω
--5V
trr
10
μs
SS0503SH
No.8067-2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com