Electronic Components Datasheet Search
  English  ▼

X  

SS0503SH Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS0503SH
Description  Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS0503SH Datasheet(HTML) 3 Page - ON Semiconductor

  SS0503SH Datasheet HTML 1Page - ON Semiconductor SS0503SH Datasheet HTML 2Page - ON Semiconductor SS0503SH Datasheet HTML 3Page - ON Semiconductor SS0503SH Datasheet HTML 4Page - ON Semiconductor SS0503SH Datasheet HTML 5Page - ON Semiconductor SS0503SH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
0
0.1
0.2
0.3
0.35
0.25
0.15
0.1
0.05
0.2
0.3
0.4
0.5
0.6
IT08187
(2) (4) (3)
(1)
Reverse Voltage, VR -- V
IR -- VR
Forward Voltage, VF -- V
IF -- VF
10
2
3
5
7
3
5
7
100
0.1
1.0
23
5
7
10
23
5
2
3
5
77
Reverse Voltage, VR -- V
C -- VR
Average Forward Current, IO -- A
PF(AV) -- IO
IT07891
f=1MHz
θ
360
°
Rectangular wave
180
°
360
°
Sine wave
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
0
1.0
0.1
0.01
0.3
0.4
0.1
0.2
7
5
3
2
7
5
3
2
0.6
0.5
IT07927
IT07928
0
1.0
2
5
3
7
2
5
3
7
2
5
3
7
2
5
3
7
2
5
3
7
10
100
1000
100000
10000
510
30
15
20
25
Ta=125
°C
25°C
50
°C
75
°C
100°C
7 0.01
23
7
0.1
0
52
2
37 1.0
5
7
5
6
4
3
2
1
3
Time, t -- s
IFSM -- t
ID00387
IS
20ms
t
Current waveform 50Hz sine wave
SS0503SH
No.8067-3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com