Electronic Components Datasheet Search
  English  ▼

X  

100370 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100370
Description  Low Power Universal Demultiplexer/Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100370 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100370 Datasheet HTML 1Page - National Semiconductor (TI) 100370 Datasheet HTML 2Page - National Semiconductor (TI) 100370 Datasheet HTML 3Page - National Semiconductor (TI) 100370 Datasheet HTML 4Page - National Semiconductor (TI) 100370 Datasheet HTML 5Page - National Semiconductor (TI) 100370 Datasheet HTML 6Page - National Semiconductor (TI) 100370 Datasheet HTML 7Page - National Semiconductor (TI) 100370 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100370
Low Power Universal Demultiplexer/Decoder
General Description
The 100370 universal demultiplexer/decoder functions as ei-
ther a dual 1-of-4 decoder or as a single 1-of-8 decoder, de-
pending on the signal applied to the Mode Control (M) input.
In the dual mode, each half has a pair of active-LOW Enable
(E) inputs. Pin assignments for the E inputs are such that in
the 1-of-8 mode they can easily be tied together in pairs to
provide two active-LOW enables (E
1a to E1b,E2a to E2b).
Signals applied to auxiliary inputs H
a,Hb and Hc determine
whether the outputs are active HIGH or active LOW. In the
dual 1-of-4 mode the Address inputs are A
0a,A1a and A0b,
A
1b with A2a unused (i.e., left open, tied to VEE or with LOW
signal applied). In the 1-of-8 mode, the Address inputs are
A
0a,A1a,A2a with A0b and A1b LOW or open. All inputs have
50 k
Ω pulldown resistors.
Features
n 35% power reduction of the 100170
n 2000V ESD protection
n Pin/function compatible with 100170
n Voltage compensated operating range = −4.2V to −5.7V
Logic Symbols
Pin Names
Description
A
na,Anb
Address Inputs
E
na,Enb
Enable Inputs
M
Mode Control Input
H
a
Z
0–Z3 (Z0a–Z3a)
Polarity Select Input
H
b
Z
4–Z7 (Z0b–Z3b)
Polarity Select Input
H
c
Common Polarity
Select Input
Z
0–Z7
Single 1-of-8
Data Outputs
Z
na,Znb
Dual 1-of-4
Data Outputs
Single 1-of 8 Application
DS100311-1
Dual 1-of-4 Application
DS100311-4
August 1998
© 1998 National Semiconductor Corporation
DS100311
www.national.com


Similar Part No. - 100370

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100370 FAIRCHILD-100370 Datasheet
82Kb / 8P
Low Power Universal Demultiplexer/Decoder
logo
Turck, Inc.
1003700 TURCK-1003700 Datasheet
360Kb / 4P
Inductive Sensor
11/07/2023
logo
Weidmuller
1003700000 WEIDMULLER-1003700000 Datasheet
370Kb / 5P
SL-SMT 3.50/20/135F 3.2SN BK BX
logo
Turck, Inc.
1003704 TURCK-1003704 Datasheet
373Kb / 4P
Inductive Sensor
11/07/2023
logo
Fairchild Semiconductor
100370PC FAIRCHILD-100370PC Datasheet
82Kb / 8P
Low Power Universal Demultiplexer/Decoder
More results

Similar Description - 100370

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100370 FAIRCHILD-100370 Datasheet
82Kb / 8P
Low Power Universal Demultiplexer/Decoder
DM74S138 FAIRCHILD-DM74S138 Datasheet
55Kb / 5P
Decoder/Demultiplexer
logo
Micrel Semiconductor
SY100S370 MICREL-SY100S370 Datasheet
113Kb / 7P
UNIVERSAL DEMULTIPLEXER/ DECODER
SY100S370 MICREL-SY100S370_06 Datasheet
97Kb / 8P
UNIVERSAL DEMULTIPLEXER/DECODER
logo
NXP Semiconductors
74AUP1G19 NXP-74AUP1G19 Datasheet
93Kb / 17P
Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
logo
Micrel Semiconductor
SY100S370 MICREL-SY100S370_07 Datasheet
74Kb / 5P
UNIVERSAL DEMULTIPLEXER/ DECODER
logo
ON Semiconductor
MC74AC138DR2G ONSEMI-MC74AC138DR2G Datasheet
182Kb / 11P
Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
NXP Semiconductors
74AUP1G19 PHILIPS-74AUP1G19_15 Datasheet
177Kb / 20P
Low-power 1-of-2 decoder/demultiplexer
Rev. 5-6 November 2014
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19_15 Datasheet
161Kb / 5P
DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AUP1G19 NEXPERIA-74AUP1G19 Datasheet
262Kb / 17P
Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com