Electronic Components Datasheet Search
  English  ▼

X  

LB1876 Datasheet(PDF) 9 Page - ON Semiconductor

Part # LB1876
Description  3-phase Brushless Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1876 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LB1876 Datasheet HTML 4Page - ON Semiconductor LB1876 Datasheet HTML 5Page - ON Semiconductor LB1876 Datasheet HTML 6Page - ON Semiconductor LB1876 Datasheet HTML 7Page - ON Semiconductor LB1876 Datasheet HTML 8Page - ON Semiconductor LB1876 Datasheet HTML 9Page - ON Semiconductor LB1876 Datasheet HTML 10Page - ON Semiconductor LB1876 Datasheet HTML 11Page - ON Semiconductor LB1876 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LB1876
No.6201-9/12
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent curcuit
31
VREG
Stabilized power supply output (5V output) pin.
Insert a capacitor between this pin and ground for
stabilization. (About 0.1
μF.)
31
VCC
32
LDSEL
Phase lock signal mask switching pin.
Low: 0 to 1.5V
High: 3.5V to VREG
When open, this pin goes to the high level.
When low, transient unlock signals (short high-level periods
on the LD output) are masked, and when high, transient lock
signals (short low-level periods on the LD output) are
masked.
32
VREG
30k
Ω
2k
Ω
33
BRSEL
Braking control pin.
Low: 0 to 1.5V
High: 3.5V to VREG
When open, this pin goes to the high level.
When low, reverse torque control is applied and when high,
the circuit operates in free-running mode. An external
Schottky barrier diode is required on the low side output
when reverse torque control is applied.
33
VREG
30k
Ω
2k
Ω
−
FRAME
The FRAME pin is connected internally to the metal frame at
the base of the IC. Electrically, both the FRAME pin and the
metal frame are left open. To improve thermal dissipation,
provide a corresponding land on the PCB and solder the
FRAME pin to that land.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com