Electronic Components Datasheet Search
  English  ▼

X  

LB1876 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LB1876
Description  3-phase Brushless Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1876 Datasheet(HTML) 4 Page - ON Semiconductor

  LB1876 Datasheet HTML 1Page - ON Semiconductor LB1876 Datasheet HTML 2Page - ON Semiconductor LB1876 Datasheet HTML 3Page - ON Semiconductor LB1876 Datasheet HTML 4Page - ON Semiconductor LB1876 Datasheet HTML 5Page - ON Semiconductor LB1876 Datasheet HTML 6Page - ON Semiconductor LB1876 Datasheet HTML 7Page - ON Semiconductor LB1876 Datasheet HTML 8Page - ON Semiconductor LB1876 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LB1876
No.6201-4/12
Package Dimensions
unit : mm (typ)
3235A
Pin Assignment
36
35
34
33
32
31
30
29
28
FR
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
FR
10
11
12
13
14
15
16
17
18
LB1876
Top view
3-phase Logic Truth Table
IN1
IN2
IN3
OUT1
OUT2
OUT3
H
L
H
L
H
M
H
L
L
L
M
H
H
H
L
M
L
H
L
H
L
H
L
M
L
H
H
H
M
L
L
L
H
M
H
L
IN = "H" indicates the IN+ > IN− condition.
SANYO : HSOP36(375mil)
(6.2)
36
1
0.8
17.8
2.7
0.3
0.25
(0.5)
2.0
-20
0
20
40
60
80
100
Pd max -- Ta
0.4
0
0.8
0.9
1.2
1.6
2.0
2.1
2.4
1.18
Ambient temperature, Ta --
°C
Independent IC
With specified board: 114.3
×76.1×1.6mm3
glass epoxy board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com