Electronic Components Datasheet Search
  English  ▼

X  

PBI2C Datasheet(PDF) 1 Page - Powerbox

Part # PBI2C
Description  A C / D C H I G H S U R G E S U P P LY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBI2C Datasheet(HTML) 1 Page - Powerbox

  PBI2C Datasheet HTML 1Page - Powerbox PBI2C Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. PBI2C Rev.D 23-11-15
PBI2C Series
A C / D C H I G H S U R G E S U P P L Y
FEATURES
•
120W - 240W
•
High Current Surge
•
Ideal for motors and pumps
•
Enclosed panel mount
•
Screw Termination
•
Optional Conformal Coating
SPECIFICATIONS
INPUT
Input Voltage
85–132Vac/170–264Vac
link selectable
Frequency
47-440Hz.
Inrush Current
15A @ 100VAC, 30A @ 200VAC.
Power factor
0.9V @ 230Vac
OUTPUT
Output Voltage
12Vdc, 24Vdc, 36Vdc
Voltage Adjustment
±10% of nominal.
Output Power
PB12C~N: 120W
PB12C~E: 240W
Output Current
See Selection Table.
Peak load
150% surge for 10 sec
Ripple & Noise
Typ.300mVp-p
Line Regulation
±0.8%
Load Regulation
±0.9%
Temperature Coefficient
PBI2C~N: 0.03% per °C (0° to 50°C) PBI2C~E:
0.01% per °C (0° to 50°C)
Drift
Output V x 0.5% + 15mV after 1 hr per 8 hrs.
Rise Time
500mS max.
Holdup Time
20mS at nominal input and full load.
Efficiency
Typically 85% at full load
ENVIRONMENT
Operating Temperature
0° to 50°C at full load.
Storage Temperature
-20°C to 85°C
Cooling
Convection cooled
Humidity
Up to 85%
PROTECTION
Overvoltage Protection
Output shutdown.
Overcurrent Protection
Current limit.
Isolation
Input – Output: 2500VAC
Input – Case: 2500VAC
Output – Case: 500VAC
OPTIONAL FEATURES
Conformal coating
Option CC: Conformal Coating for moist areas
Remote control
Option RC: Remote Control
STANDARDS & APPROVALS
Safety standards
C-UL, UL1950, CSA950, PB12C-N-E,
EN609050, UL60950, IEC 60950, PB12C-EHP
C-Tick
AS/NZS CISPR11 Group 1 Class A
EMI standards
VDE1871-A, FCC-A, PB12C-XN-E
EN55022 Class B, FCC part 15-B Class B,
PB12C-XX-E-HP
MECHANICAL
Connector
Screw terminals
Dimensions
PBI2C~N: 167 x 89 x 50mm
PBI2C~E: 208 x 98 x 65mm
Weight
PBI2C~N: 490g
PBI2C~E: 870g


Similar Part No. - PBI2C

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PBI21S SJM-PBI21S Datasheet
339Kb / 2P
Transformer / Balun
logo
Powerbox
PBI2H POWERBOX-PBI2H Datasheet
290Kb / 2P
1 5 - 5 0 W A T T S D C / D C S I N G L E O U T P U T
PBI2H-11005F POWERBOX-PBI2H-11005F Datasheet
1,008Kb / 2P
15-25 WATTS DC/DC SINGLE
PBI2H-11005G POWERBOX-PBI2H-11005G Datasheet
1,008Kb / 2P
15-25 WATTS DC/DC SINGLE
PBI2H-11005J POWERBOX-PBI2H-11005J Datasheet
1,008Kb / 2P
15-25 WATTS DC/DC SINGLE
More results

Similar Description - PBI2C

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI1952 ETL-GI1952 Datasheet
387Kb / 3P
P N P H I G H S P E E D S W I T C H I N G T R A N S I S T O R
GI5103 ETL-GI5103 Datasheet
418Kb / 3P
N P N H I G H S P E E D S W I T C H I N G T R A N S I S T O R
GJ1952 ETL-GJ1952 Datasheet
385Kb / 3P
P N P H I G H S P E E D S W I T C H I N G T R A N S I S T O R
GJ5103 ETL-GJ5103 Datasheet
417Kb / 3P
N P N H I G H S P E E D S WI T C H I N G T R A N S I S T O R
GSBAW56 ETL-GSBAW56 Datasheet
122Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E
G6853 ETL-G6853 Datasheet
152Kb / 4P
S i n g l e O u t p u t H a l l E f f e c t S wi t c h I C
logo
Powerbox
PBB11C POWERBOX-PBB11C Datasheet
667Kb / 4P
A C / D C H I G H S U R G E S U P P LY
PBB20C POWERBOX-PBB20C Datasheet
1Mb / 9P
A C / D C S I N G L E O U T P U T S U P P LY
PBI3H POWERBOX-PBI3H Datasheet
99Kb / 2P
1 0 0 WAT T S D C / D C S W I T C H I N G P O W E R S U P P LY
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com