Electronic Components Datasheet Search
  English  ▼

X  

PBI2C Datasheet(PDF) 2 Page - Powerbox

Part # PBI2C
Description  A C / D C H I G H S U R G E S U P P LY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBI2C Datasheet(HTML) 2 Page - Powerbox

  PBI2C Datasheet HTML 1Page - Powerbox PBI2C Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Progress
PBI2C Series
A C / D C H I G H S U R G E S U P P L Y
Doc. No. PBI2C Rev.D 23-11-15
SELECTION TABLE
TECHNICAL ILLUSTRATIONS
MODEL NUMBER
OUTPUT VOLTAGE
OUTPUT CURRENT
PEAK CURRENT
POWER
PBI2C-12N
12Vdc
9A
15A
120W
PBI2C-24N
24Vdc
5A
7.5A
120W
PBI2C-36N
36Vdc
3.4A
5A
120W
PBI2C-12E
12Vdc
18A
25A
240W
PBI2C-24E
24Vdc
10A
15A
240W
PBI2C-36E
36Vdc
6.8A
10A
240W
PB12C-N 120W
PB12C-E 240W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com