Electronic Components Datasheet Search
  English  ▼

X  

MBR140ESF Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR140ESF
Description  Surface Mount Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR140ESF Datasheet(HTML) 1 Page - ON Semiconductor

  MBR140ESF Datasheet HTML 1Page - ON Semiconductor MBR140ESF Datasheet HTML 2Page - ON Semiconductor MBR140ESF Datasheet HTML 3Page - ON Semiconductor MBR140ESF Datasheet HTML 4Page - ON Semiconductor MBR140ESF Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
February, 2014 − Rev. 3
1
Publication Order Number:
MBR140ESF/D
MBR140ESF, NRVB140ESF
Surface Mount
Schottky Power Rectifier
Plastic SOD−123 Package
This device uses the Schottky Barrier principle with a large area
metal−to−silicon power diode. Ideally suited for low voltage, high
frequency rectification or as free wheeling and polarity protection
diodes in surface mount applications where compact size and weight
are critical to the system. This package also provides an easy to work
with alternative to leadless 34 package style. Because of its small size,
it is ideal for use in portable and battery powered products such as
cellular and cordless phones, chargers, notebook computers, printers,
PDAs and PCMCIA cards. Typical applications are AC−DC and
DC−DC converters, reverse battery protection, and “Oring” of
multiple supply voltages and any other application where performance
and size are critical.
Features
• Guardring for Stress Protection
• Low Reverse Leakage
• 175°C Operating Junction Temperature
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Package Designed for Optimal Automated Board Assembly
• ESD Rating:
♦ Human Body Model = 3B
♦ Machine Model = M4
• NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant*
Mechanical Characteristics
• Device Marking: E4F
• Polarity Designator: Cathode Band
• Weight: 11.7 mg (approximately)
• Case: Epoxy, Molded
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping†
ORDERING INFORMATION
SOD−123FL
CASE 498
SCHOTTKY BARRIER
RECTIFIER
1.0 AMPERES
40 VOLTS
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MARKING DIAGRAM
E4F
= Specific Device Code
M
= Date Code
G
= Pb−Free Package)
E4FMG
G
MBR140ESFT3G
SOD−123FL
(Pb−Free)
10,000 /
Tape & Reel ***
MBR140ESFT1G
SOD−123FL
(Pb−Free)
3,000 /
Tape & Reel **
(Note: Microdot may be in either location)
**
8 mm Tape, 7” Reel
*** 8 mm Tape, 13” Reel
NRVB140ESFT3G SOD−123FL
(Pb−Free)
10,000 /
Tape & Reel ***
NRVB140ESFT1G SOD−123FL
(Pb−Free)
3,000 /
Tape & Reel **


Similar Part No. - MBR140ESF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR140ESF ONSEMI-MBR140ESF Datasheet
201Kb / 6P
Surface Mount Schottky Power Rectifier Plastic SOD-123 Package
October, 2021 - Rev. 4
MBR140ESFT1G ONSEMI-MBR140ESFT1G Datasheet
201Kb / 6P
Surface Mount Schottky Power Rectifier Plastic SOD-123 Package
October, 2021 - Rev. 4
MBR140ESFT3G ONSEMI-MBR140ESFT3G Datasheet
201Kb / 6P
Surface Mount Schottky Power Rectifier Plastic SOD-123 Package
October, 2021 - Rev. 4
MBR140ESF ONSEMI-MBR140ESF_V01 Datasheet
201Kb / 6P
Surface Mount Schottky Power Rectifier Plastic SOD-123 Package
October, 2021 - Rev. 4
More results

Similar Description - MBR140ESF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
MBRA210ET3 ONSEMI-MBRA210ET3_08 Datasheet
100Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2008 ??Rev. 6
MBRS3100T3G ONSEMI-MBRS3100T3G Datasheet
97Kb / 4P
Surface Mount Schottky Power Rectifier
October, 2010 ??Rev. 3
SBR80520LT1G ONSEMI-SBR80520LT1G Datasheet
152Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
NRVBS3200T3G ONSEMI-NRVBS3200T3G Datasheet
96Kb / 4P
Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com