Electronic Components Datasheet Search
  English  ▼

X  

MBR140ESF Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR140ESF
Description  Surface Mount Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR140ESF Datasheet(HTML) 3 Page - ON Semiconductor

  MBR140ESF Datasheet HTML 1Page - ON Semiconductor MBR140ESF Datasheet HTML 2Page - ON Semiconductor MBR140ESF Datasheet HTML 3Page - ON Semiconductor MBR140ESF Datasheet HTML 4Page - ON Semiconductor MBR140ESF Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR140ESF, NRVB140ESF
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
TA = 150°C
TA = 25°C
TA = 125°C
0.10
1.0
10.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
TA = 85°C
0.10
1.0
10.0
0.00 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.90 1.0
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
TA = 150°C
TA = 25°C
TA = 125°C
TA = 85°C
Figure 3. Typical Reverse Characteristics
1.E−03
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
TA = 150°C
TA = 25°C
TA = 125°C
1.E−04
1.E−05
1.E−06
1.E−07
TA = 85°C
Figure 4. Maximum Reverse Characteristics
1.E−03
0
5
10
15
20
25
30
35
40
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
1.E−04
1.E−05
1.E−06
1.E−02
TA = 150°C
TA = 25°C
TA = 125°C
TA = 85°C
0
5
10
15
20
25
30
35
40
1.E−01
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
20
40
60
80
100
120
140
10
100
110
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
TJ = 25°C
Figure 6. Current Derating, Case
TC, CASE TEMPERATURE (°C)
SQUARE WAVE
dc
RqJA = 82°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com