Electronic Components Datasheet Search
  English  ▼

X  

SS30 Datasheet(PDF) 7 Page - ON Semiconductor

Part # SS30
Description  Fan Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS30 Datasheet(HTML) 7 Page - ON Semiconductor

  SS30 Datasheet HTML 1Page - ON Semiconductor SS30 Datasheet HTML 2Page - ON Semiconductor SS30 Datasheet HTML 3Page - ON Semiconductor SS30 Datasheet HTML 4Page - ON Semiconductor SS30 Datasheet HTML 5Page - ON Semiconductor SS30 Datasheet HTML 6Page - ON Semiconductor SS30 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SS30
PS No.A1878-7/7
8. Charge Pump Circuit
The SS30 n-channel DMOS output structure allows it to provide a charge pump based voltage step-up circuit. A
voltage 2 times the VCC voltage can be acquired by inserting capacitors (recommended value: 0.1
μF or larger)
between the CP pin (pin 14) and CPC pin (pin 15). Note that this circuit is designed so that the stepped-up voltage
(VG) is clamped at about 9.5VDC. A larger capacitor must be used between the VG pin (pin 12) and ground if the
ripple on the stepped-up voltage (VG) results in VG exceeding 10V (VG max).
Observe the following points if the VG voltage is supplied from external circuits.
(1) The VG voltage supplied from the external circuits must not exceed the absolute maximum rating VG max.
(2) The capacitors between the CP pin (pin 14) and CPC pin (pin 15) are not required.
(3) Observe the correct sequence when turning the power supply on. Apply the VG voltage after first turning the
VCC voltage on, and cancel the VG voltage application before turning the VCC off.
(4) There is an IC-internal diode between the VCC and VG pins. Therefore, supply voltages such that VCC > VG
must never be applied to this IC.
9. Notes on PCB Pattern Design
The SS30 is a system driver IC implemented using the Bi-CMOS process; the IC chip includes bipolar circuits, MOS
logic circuits, and MOS drive circuits. As a result, extreme care is required with respect to the pattern layout when
designing application circuits.
(1) SGND/SUBGND and VCC/VM wiring layout
Please connect the SGND pin and the SUBGND pin by the beeline. Please connect the VCC pin and the VM pin by
the beeline similarly.
Insert a capacitor (recommended value: 1
μF or larger) as near as possible to the pin between the power pin VCC
(pin 1)/VM (pin 2) and SGND pin (pin 7).
(2) Positioning the external components
The external components that are connected to SGND (pin 7) must be connected with lines that are as short as
possible.
External components connected between IC pins must be placed as near to the pins as possible.
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture ofthe
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com