Electronic Components Datasheet Search
  English  ▼

X  

SS30 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SS30
Description  Fan Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS30 Datasheet(HTML) 4 Page - ON Semiconductor

  SS30 Datasheet HTML 1Page - ON Semiconductor SS30 Datasheet HTML 2Page - ON Semiconductor SS30 Datasheet HTML 3Page - ON Semiconductor SS30 Datasheet HTML 4Page - ON Semiconductor SS30 Datasheet HTML 5Page - ON Semiconductor SS30 Datasheet HTML 6Page - ON Semiconductor SS30 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SS30
No.A1878-4/7
Block Diagram
Pin Functions
Pin No.
Pin name
Function
Equivalent circuit
1
VM
Power supply for the IC and motor. It is
short-circuited and uses it with power supply small
signal pin VCC (pin 2). A capacitor must be
connected between this pin and ground.
20
18
17
UO
VO
WO
Output pins.
Connect the motor coil.
16
RF
Output current detection.
The drive current is detected by connecting a
resistor between this pin and ground.
1
16
17
18
20
2
VCC
Power supply for the IC and motor. A capacitor must
be connected between this pin and ground.
3
COM
Motor middle point connection.
4
COMIN
Motor position detection comparator filter pin.
It is short-circuited and uses it with motor power
supply pin VM (pin 1). A capacitor must be
connected between this pin and the FIL pin (pin 5).
5
FIL
Motor position detection comparator filter pin.
A capacitor must be connected between this pin and
the COMIN pin (pin 4).
WO
VO
VG
UO
3
4
5
Continued on next page.
WO
VO
UO
RF
COM
COMIN
FIL
OSC
VG
CP
CPC
SUBGND
FG
PWM
FR
LOCK PROTECT
LOGIC
CURRENT
LIMITTER
PRE DRIVE
MOSC
1/N
TSD
SELECTOR
OSC
CHARGE
PUMP
VREF
VG
SENSORLESS
LOGIC
VM
RD
1/2FG



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com