Electronic Components Datasheet Search
  English  ▼

X  

ASM802MEPA Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASM802MEPA
Description  Power Supply Supervisor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM802MEPA Datasheet(HTML) 1 Page - ON Semiconductor

  ASM802MEPA Datasheet HTML 1Page - ON Semiconductor ASM802MEPA Datasheet HTML 2Page - ON Semiconductor ASM802MEPA Datasheet HTML 3Page - ON Semiconductor ASM802MEPA Datasheet HTML 4Page - ON Semiconductor ASM802MEPA Datasheet HTML 5Page - ON Semiconductor ASM802MEPA Datasheet HTML 6Page - ON Semiconductor ASM802MEPA Datasheet HTML 7Page - ON Semiconductor ASM802MEPA Datasheet HTML 8Page - ON Semiconductor ASM802MEPA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. 3
1
Publication Order Number:
ASM690A/D
ASM690A/692A,
ASM802L/802M, ASM805L
mP Power Supply Supervisor
with Battery Backup Switch
Description
The ASM690A / ASM692A / ASM802L / ASM802M / ASM805L
offers complete single chip solutions for power supply monitoring and
control battery functions in microprocessor systems. Each device
implements four functions: Reset control, watchdog monitoring,
battery−backup switching and power failure monitoring. In addition to
microprocessor reset under power−up and power−down conditions,
these devices provide battery−backup switching to maintain control in
power loss and brown−out situations. Additional monitoring
capabilities can provide an early warning of unregulated power supply
loss before the voltage regulator drops out. The important features of
these four functions are:
• 1.6 second watchdog timer to keep microprocessor responsive
• 4.40 V or 4.65 V VCC threshold for microprocessor reset at
power−up and power−down
• SPDT (Single−pole, Double−throw) PMOS switch connects backup
power to RAM if VCC fails
• 1.25 V threshold detector for power loss or general purpose voltage
monitoring
These features are pin−compatible with the industry standard
power−supply supervisors. Short−circuit and thermal protection have
also been added. The ASM690A / ASM802L / ASM805L generate a
reset pulse when the supply voltage drops below 4.65 V and the
ASM692A / ASM802M generate a reset below 4.40 V. The ASM802L
/ ASM802M have power−fail accuracy to
±2%. The ASM805L is the
same as the ASM690A except that RESET is provided instead of
RESET.
Features
• Two Precision Supply−voltage Monitor Options
4.65 V (ASM690A / ASM802L / ASM805L)
4.40 V (ASM692A / ASM802M)
• Battery−backup Power Switch On−chip
• Watchdog Timer: 1.6 Second Timeout
• Power Failure / Low Battery Detection
• Short Circuit Protection and Thermal Limiting
• Small 8−pin SO and 8−pin PDIP Packages
• No External Components
• Specified Over Full Temperature Range
Applications
• Embedded Control Systems
• Portable/Battery Operated Systems
• Intelligent Instruments
• Wireless Instruments
• Wireless Communication Systems
• PDAs and Hand−held Equipments
• mP / mC Power Supply Monitoring
• Safety System
http://onsemi.com
PIN CONFIGURATIONS
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
PDIP−8
P SUFFIX
CASE 646AA
SOIC−8
S SUFFIX
CASE 751BD
VOUT
VCC
GND
PFI
VBATT
RESET
WDI
PFO
ASM690A,
ASM692A,
ASM802L,
ASM802M
1
VOUT
VCC
GND
PFI
VBATT
RESET
WDI
PFO
ASM805L
1
(Top Views)


Similar Part No. - ASM802MEPA

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM802MEPA ALSC-ASM802MEPA Datasheet
323Kb / 13P
UP Power Supply Supervisor With Battery Backup Switch
logo
PulseCore Semiconductor
ASM802MEPA PULSECORE-ASM802MEPA Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
ASM802MEPAF PULSECORE-ASM802MEPAF Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
More results

Similar Description - ASM802MEPA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
Power Supply Supervisor PWM
SG6518 FAIRCHILD-SG6518 Datasheet
595Kb / 11P
LCD Power Supply Supervisor
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_15 Datasheet
387Kb / 12P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
Power Supply Supervisor
August, 2011 ??Rev. 3
logo
Weltrend Semiconductor
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
PC POWER SUPPLY SUPERVISOR
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
PC Power Supply Supervisor
January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com