Electronic Components Datasheet Search
  English  ▼

X  

ASM802MEPA Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM802MEPA
Description  Power Supply Supervisor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM802MEPA Datasheet(HTML) 3 Page - ON Semiconductor

  ASM802MEPA Datasheet HTML 1Page - ON Semiconductor ASM802MEPA Datasheet HTML 2Page - ON Semiconductor ASM802MEPA Datasheet HTML 3Page - ON Semiconductor ASM802MEPA Datasheet HTML 4Page - ON Semiconductor ASM802MEPA Datasheet HTML 5Page - ON Semiconductor ASM802MEPA Datasheet HTML 6Page - ON Semiconductor ASM802MEPA Datasheet HTML 7Page - ON Semiconductor ASM802MEPA Datasheet HTML 8Page - ON Semiconductor ASM802MEPA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ASM690A/692A, ASM802L/802M, ASM805L
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Unit
Pin Terminal Voltage with Respect to Ground
VCC
VBATT
All other inputs (Note 1)
−0.3
−0.3
−0.3
6.0
6.0
VCC + 0.3
V
Input Current at VCC
200
mA
Input Current at VBATT
50
mA
Input Current at GND
20
mA
Output Current
VOUT
Short circuit protected
All other inputs
20
mA
Rate of Rise: VBATT and VCC
100
V/ms
Continuous Power Dissipation
Plastic DIP (derate 9 mW/°C above 70°C)
SO (derate 5.9 mW/°C above 70°C)
800
500
mW
Operating Temperature Range (C Devices)
0
70
°C
Operating Temperature Range (E Devices)
−40
85
°C
Storage Temperature Range
−65
160
°C
Lead Temperature (Soldering, 10 sec)
300
°C
ESD rating
HBM
MM
1
100
KV
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The input voltage limits on PFI and WDI may be exceeded if the current is limited to less than 10 mA.
Table 3. ELECTRICAL CHARACTERISTICS (Unless otherwise noted, VCC = 4.75 V to 5.5 V for the ASM690A / ASM802L /
ASM805L and VCC = 4.5 V to 5.5 V for the ASM692A / ASM802M; VBATT = 2.8 V; and TA = TMIN to TMAX.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VCC, VBATT Voltage
Range (Note 2)
1.1
5.5
V
Supply Current
Excluding IOUT
IS
35
100
mA
ISUPPLY in Battery
Backup Mode
(Excluding IOUT)
VCC = 0 V, VBATT = 2.8 V
TA = 25°C
1.5
mA
TA = TMIN to TMAX
5.0
VBATT Standby
Current (Note 3)
5.5 V > VCC > VBATT + 0.2 V
TA = 25°C
TA = TMIN to TMAX
−0.1
−1.0
0.02
0.02
mA
VOUT Output
IOUT = 5 mA
VCC−0.025
VCC−
0.010
V
IOUT = 50 mA
VCC−0.25
VCC−
0.10
VOUT in Battery
Backup Mode
IOUT = 250 mA, VCC < VBATT − 0.2 V
VBATT− 0.1
VBATT
−
0.001
V
2. If VCC or VBATT is 0 V, the other must be greater than 2.0 V.
3. Battery charging−current is “−”. Battery discharge current is “+”.
4. WDI is guaranteed to be in an intermediate level state if WDI is floating and VCC is within the operating voltage range.
NOTE: WDI input impedance is 50 kW. WDI is biased to 0.3 VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com