Electronic Components Datasheet Search
  English  ▼

X  

ESD7461 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESD7461
Description  Ultra-Low Capacitance ESD Protection Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7461 Datasheet(HTML) 2 Page - ON Semiconductor

  ESD7461 Datasheet HTML 1Page - ON Semiconductor ESD7461 Datasheet HTML 2Page - ON Semiconductor ESD7461 Datasheet HTML 3Page - ON Semiconductor ESD7461 Datasheet HTML 4Page - ON Semiconductor ESD7461 Datasheet HTML 5Page - ON Semiconductor ESD7461 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ESD7461, SZESD7461
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
Bi−Directional TVS
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
16
V
Breakdown Voltage
VBR
IT = 1 mA (Note 3)
16.5
V
Reverse Leakage Current
IR
VRWM = 5 V
<1
100
nA
Clamping Voltage TLP
VC
IPP = 8 A (Note 4)
35
V
Clamping Voltage TLP
VC
IPP = 16 A (Note 4)
39
V
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz
VR = 0 V, f = 1 GHz
0.3
0.3
0.55
0.55
pF
Dynamic Resistance
RDYN
TLP Pulse
1.05
W
Insertion Loss
f = 1 GHz
f = 3 GHz
0.05
0.21
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Breakdown voltage is tested from pin 1 to 2 and pin 2 to 1.
4. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.
Figure 1. Typical IV Characteristics
Figure 2. Typical CV Characteristics
1.3−03
1.E−04
1.E−05
1.E−06
1.E−07
1.E−08
1.E−09
1.E−10
1.E−11
1.E−12
−30
30
−20
20
−10
10
0
VOLTAGE (V)
1
18
VOLTAGE (V)
0.8
0.6
0.4
0.2
0
−18 −15 −12 −9 −6 −30
15
12
9
6
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com