Electronic Components Datasheet Search
  English  ▼

X  

ESD7461 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESD7461
Description  Ultra-Low Capacitance ESD Protection Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7461 Datasheet(HTML) 3 Page - ON Semiconductor

  ESD7461 Datasheet HTML 1Page - ON Semiconductor ESD7461 Datasheet HTML 2Page - ON Semiconductor ESD7461 Datasheet HTML 3Page - ON Semiconductor ESD7461 Datasheet HTML 4Page - ON Semiconductor ESD7461 Datasheet HTML 5Page - ON Semiconductor ESD7461 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ESD7461, SZESD7461
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. Typical Insertion Loss
ESD7461N2T5G (SOD882)
Figure 4. Typical Capacitance over Frequency
ESD7461N2T5G (SOD882)
1
1.E+07
1.E+10
1.E+08
1.E+09
FREQUENCY (Hz)
0.5
0
−0.5
−1
−1.5
−2
−2.5
−3
FREQUENCY (Hz)
1
1.E+07
1.E+10
2.E+09
8.E+09
6.E+09
4.E+09
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com