Electronic Components Datasheet Search
  English  ▼

X  

TM14IO Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # TM14IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM14IO Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button TM14IO Datasheet HTML 2Page - Panasonic Semiconductor TM14IO Datasheet HTML 3Page - Panasonic Semiconductor TM14IO Datasheet HTML 4Page - Panasonic Semiconductor TM14IO Datasheet HTML 5Page - Panasonic Semiconductor TM14IO Datasheet HTML 6Page - Panasonic Semiconductor TM14IO Datasheet HTML 7Page - Panasonic Semiconductor TM14IO Datasheet HTML 8Page - Panasonic Semiconductor TM14IO Datasheet HTML 9Page - Panasonic Semiconductor TM14IO Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
6
PubNo. 232M9-010E
- Resolution
10 bits
- Minimum conversion time
1.0
μsec
- Channels
16 channels (ADIN00, ADIN01, ADIN06 to ADIN19)
- Use of 3 converters allows simultaneous sampling of 3 phases
- A/D conversion start trigger is in synchronization with complementary 3-phase PWM
cycle and 16-bit timer
Complementary 3-phase PWM output
2 channels
- Min. resolution: 33.3 nsec
- Triangular and saw-tooth waves output
- Incorporates a dead time insertion circuit
- Can overwrite registers by double buffer during PWM operation
- PWM output protection circuit supporting external interrupts
- Output timing varying function
Serial Interface
3 channels
Serial 0 (Full duplex UART/synchronous serial interface)
Synchronous serial interface
- Overrun error detection
- Transfer clock source
1/2 and 1/16 of timer 14 underflow, 1/2 and 1/16 of timer 15 underflow,
and 1/2 and 1/16 of timer 16 underflow, SBT0 pin
- Can be selected as the first bit to be transferred,
Any transfer size from 7 to 8 bits can be selected.
- Maximum transfer rate: 3.0 Mbps
Full duplex UART
- Parity error, overrun error, and flaming error detection
- Transfer clock source
1/16 of timer 14 underflow, 1/16 of timer 15 underflow,
and 1/16 of timer 16 underflow,
- Can be selected as the first bit to be transferred,
Any transfer size from 7 to 8 bits can be selected.
- Continuous transmission, reception, and transmission/reception
- Maximum transfer rate: 375 kbps
Serial 1 (Full duplex UART/synchronous serial interface)
Synchronous serial interface
- Overrun error detection
- Transfer clock source
1/2 and 1/16 of timer 14 underflow, 1/2 and 1/16 of timer 15 underflow,
and 1/2 and 1/16 of timer 16 underflow, SBT1 pin
- Can be selected as the first bit to be transferred,
Any transfer size from 7 to 8 bits can be selected.
- Maximum transfer rate: 3.0 Mbps
Full duplex UART
- Parity error, overrun error, and flaming error detection
- Transfer clock source
1/16 of timer 14 underflow, 1/16 of timer 15 underflow,
and 1/16 of timer 16 underflow,
- Can be selected as the first bit to be transferred,
Any transfer size from 7 to 8 bits can be selected.
- Continuous transmission, reception, and transmission/reception
- Maximum transfer rate: 375 kbps
Serial 2 (Full duplex UART/synchronous serial interface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com