Electronic Components Datasheet Search
  English  ▼

X  

TM14IO Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # TM14IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM14IO Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button TM14IO Datasheet HTML 3Page - Panasonic Semiconductor TM14IO Datasheet HTML 4Page - Panasonic Semiconductor TM14IO Datasheet HTML 5Page - Panasonic Semiconductor TM14IO Datasheet HTML 6Page - Panasonic Semiconductor TM14IO Datasheet HTML 7Page - Panasonic Semiconductor TM14IO Datasheet HTML 8Page - Panasonic Semiconductor TM14IO Datasheet HTML 9Page - Panasonic Semiconductor TM14IO Datasheet HTML 10Page - Panasonic Semiconductor TM14IO Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
7
PubNo. 232M9-010E
Synchronous serial interface
- Overrun error detection
- Transfer clock source
1/2, 1/4, 1/16, and 1/64 of timer 14 underflow,
1/2, 1/4, 1/16, and 1/64 of timer 15 underflow,
1/2, 1/4, 1/16, and 1/64 of timer 16 underflow,
IOCLK/2, IOCLK/4, SBT2 pin
- Can be selected as the first bit to be transferred,
Any transfer size from 2 to 8 bits can be selected.
- Continuous transmission, reception, and transmission/reception
- Maximum transfer rate: 5.0 Mbps
Full duplex UART
- Parity error, overrun error and flaming error detection
- Transfer clock source
1/32, 1/64, 1/256, and 1/1024 of timer 14 underflow,
1/32, 1/64, 1/256, and 1/1024 of timer 15 underflow,
1/32, 1/64, 1/256, and 1/1024 of timer 16 underflow,
IOCLK/32, IOCLK/64
- Can be selected as the first bit to be transferred,
Any transfer size from 7 to 8 bits can be selected.
- Continuous transmission, reception, and transmission/reception
- Maximum transfer rate: 300 kbps
Regulator
incorporates regulator, and use of 5 V power supply is possible
Power Supply Detection (Auto reset circuit)
Detection level
3.6 V to 4.3 V
When power supply voltage is under detection level, reset is generated.
Port / pins
I/O ports
81 pins
Motor control output
12 pins
External interrupt
9 pins
A/D input
20 pins
Special pins
17 pins
Reset input pin
1 pin
Oscillation pin
2 pins
Test pin
3 pins
Power pin
11 pins
Package
QFP100 (18 mm square, 0.65 mm pitch)
Code name
QFP100-P-1818B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com