Electronic Components Datasheet Search
  English  ▼

X  

FDAP1F1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FDAP1F1
Description  Distinctive features and specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FDAP1F1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FDAP1F1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDAP1F1 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDAP1F1 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDAP1F1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEM
www.apem.com
3
FD series
Double icon illuminated pushbuttons - bushing Ø 24 or 26 mm - momentary or latching
MODEL
STRUCTURE
• Solder lugs
• Flat actuator
To order a product, replace • with one of the codes selected under “LED control
and number of poles” below, then add the desired options.
Mounting by threaded bushing - Ø 24 mm
LATCHING
FDAP1•1
OFF
ON
MOMENTARY
(NO)
FDAP3•1
© Flat
Snap-in mounting - Ø 26 mm
LATCHING
FDBP1•1
OFF
ON
MOMENTARY
(NO)
FDBP3•1
© Flat
LED CONTROL AND NUMBER OF POLES
Complete the model numbers above with one of the following codes.
Independent LED
single pole
C
Function 3 (momentary)
Function 1 (latching)
Independent LED
double pole
D
Green LED
in ON position
single pole
F
Function 1 (latching)
Red LED
in ON position
single pole
G
dotted line = jumper to
be wired by the user.
LED- has to be wired to
one pin of pole 2.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com