Electronic Components Datasheet Search
  English  ▼

X  

FDAP1F1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FDAP1F1
Description  Distinctive features and specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FDAP1F1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FDAP1F1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDAP1F1 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDAP1F1 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDAP1F1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEM
www.apem.com
1
FD series
Double icon illuminated pushbuttons - bushing Ø 24 or 26 mm - momentary or latching
Distinctive features and specifications
K
Double icon actuator
K
Snap-in and threaded bushing models
K
Suited for integrated designs
K
Large but lightweight
K
Sealed to IP69K (threaded bushing version)
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
- silver contacts (code 2) : 4A 12VDC
- gold plated contacts (code 4) : 200mA 12VDC
• Initial contact resistance : 50 mΩ max.
• Insulation resistance : 1 GΩ min. at 500VDC
• Dielectric strength : 1.000 Vrms 50 Hz min.
• Electrical life at full load :
- Momentary models : 1 million cycles (gold plated contacts)
400.000 cycles (silver contacts)
- Latching models : 200.000 cycles
MATERIALS
• Case : PA46
• Actuator : PA12
• Bushing/ bezel : PA66
• Contacts : silver (code 2)
or silver, gold plated (code 4)
GENERAL SPECIFICATIONS
• Front panel sealing :
- Threaded bushing version : IP69K according to DIN 40050-9
- Snap-in version : IP54 according to IEC 60529 with panel gasket and
2 mm panel thickness
• Panel thickness :
- Snap-in version : 1,5 (.059) to 2 mm (.078) with panel gasket
2 (.078) to 2,5 mm (.885) without panel gasket
- Threaded bushing version :1(.039) to 18 mm (.708) max.
• Total travel : 2,5 mm ± 0,5 mm
• Typical operating force : 8N ± 2N
• Low level or mechanical life :
- Momentary models : 1 million cycles
- Latching models : 200.000 cycles
• Torque : 3 Nm max. applied to nut
• Operating temperature : -40°C to +75°C
The company reserves the right to change specifications without notice.
WIRING DIAGRAM
CFP24W-A
POLE 2
LED
POLE 1
LED
+
-
FICHIER: CFP24W
le 25/09/14
ECHELLE: 0.625
indice A
© Flat
FD1506-A


Similar Part No. - FDAP1F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA STMICROELECTRONICS-FDA Datasheet
3Mb / 2P
Automotive fully-digital
Sep-2013
logo
Hirose Electric
FDA-15PF HIROSE-FDA-15PF Datasheet
397Kb / 6P
FD TYPE CONNECTOR FOR RIBBON CABLE
FDA-15SF HIROSE-FDA-15SF Datasheet
397Kb / 6P
FD TYPE CONNECTOR FOR RIBBON CABLE
FDA-25PF HIROSE-FDA-25PF Datasheet
397Kb / 6P
FD TYPE CONNECTOR FOR RIBBON CABLE
FDA-25SF HIROSE-FDA-25SF Datasheet
397Kb / 6P
FD TYPE CONNECTOR FOR RIBBON CABLE
More results

Similar Description - FDAP1F1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
FEATURES AND SPECIFICATIONS
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
Distinctive Characteristics
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
Distinctive Characteristics
E2013 ETC2-E2013 Datasheet
165Kb / 6P
Distinctive Characteristics
DA04T ETC2-DA04T Datasheet
130Kb / 4P
Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
Distinctive features and specification
VOYC1511US ETC2-VOYC1511US Datasheet
930Kb / 4P
Distinctive features and specification
logo
Silicon Laboratories
1611166 SILABS-1611166 Datasheet
67Kb / 2P
Addition of AEC-Q100 under the key features and specifications
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
Distinctive Characteristics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com