Electronic Components Datasheet Search
  English  ▼

X  

OPA656NB Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA656NB
Description  Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656NB Datasheet(HTML) 2 Page - Texas Instruments

  OPA656NB Datasheet HTML 1Page - Texas Instruments OPA656NB Datasheet HTML 2Page - Texas Instruments OPA656NB Datasheet HTML 3Page - Texas Instruments OPA656NB Datasheet HTML 4Page - Texas Instruments OPA656NB Datasheet HTML 5Page - Texas Instruments OPA656NB Datasheet HTML 6Page - Texas Instruments OPA656NB Datasheet HTML 7Page - Texas Instruments OPA656NB Datasheet HTML 8Page - Texas Instruments OPA656NB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
OPA656
SBOS196H – DECEMBER 2001 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
8.2
Feature Description................................................. 13
1
Features .................................................................. 1
8.3
Device Functional Modes........................................ 13
2
Applications ........................................................... 1
9
Application and Implementation ........................ 14
3
Description ............................................................. 1
9.1
Application Information............................................ 14
4
Revision History..................................................... 2
9.2
Typical Application ................................................. 19
5
Related Operational Amplifier Products.............. 3
10
Power Supply Recommendations ..................... 21
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 22
7
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 22
7.1
Absolute Maximum Ratings ...................................... 4
11.2
Layout Example .................................................... 23
7.2
ESD Ratings ............................................................ 4
11.3
Thermal Considerations ........................................ 24
7.3
Recommended Operating Conditions ....................... 4
12
Device and Documentation Support ................. 24
7.4
Thermal Information ................................................. 4
12.1
Community Resources.......................................... 24
7.5
Electrical Characteristics........................................... 5
12.2
Trademarks ........................................................... 24
7.6
Electrical Characteristics: VS = ±5 V: High Grade DC
12.3
Electrostatic Discharge Caution ............................ 24
Specifications ............................................................. 7
12.4
Glossary ................................................................ 24
7.7
Typical Characteristics: VS = ±5 V ............................ 8
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 13
Information ........................................................... 24
8.1
Overview ................................................................. 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (November 2008) to Revision H
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision F (March 2006) to Revision G
Page
•
Changed Storage Temperature Range from –40°C to 125°C to –65°C to 12°C ................................................................... 4
•
Deleted in the DC Performance section: Drift from Input Offset Current specifications......................................................... 6
Changes from Revision E (March 2006) to Revision F
Page
•
Added Design-In Tools paragraph and table ....................................................................................................................... 23
2
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: OPA656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com