Electronic Components Datasheet Search
  English  ▼

X  

OPA656NB Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA656NB
Description  Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656NB Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA656NB Datasheet HTML 17Page - Texas Instruments OPA656NB Datasheet HTML 18Page - Texas Instruments OPA656NB Datasheet HTML 19Page - Texas Instruments OPA656NB Datasheet HTML 20Page - Texas Instruments OPA656NB Datasheet HTML 21Page - Texas Instruments OPA656NB Datasheet HTML 22Page - Texas Instruments OPA656NB Datasheet HTML 23Page - Texas Instruments OPA656NB Datasheet HTML 24Page - Texas Instruments OPA656NB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
OPA656
www.ti.com
SBOS196H – DECEMBER 2001 – REVISED SEPTEMBER 2015
10 Power Supply Recommendations
The OPA656 is intended for operation on ±5-V supplies. Single-supply operation is allowed with minimal change
from the stated specifications and performance from a single supply of 8 V to 12 V maximum. The limit to lower
supply voltage operation is the useable input voltage range for the JFET-input stage. Operating from a single
supply of 12 V can have numerous advantages. With the negative supply at ground, the DC errors due to the
–PSRR term can be minimized. Typically, AC performance improves slightly at 12-V operation with minimal
increase in supply current.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com