Electronic Components Datasheet Search
  English  ▼

X  

Z86131 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86131
Description  NTSC LINE 21 DECIDER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86131 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86131 Datasheet HTML 17Page - Zilog, Inc. Z86131 Datasheet HTML 18Page - Zilog, Inc. Z86131 Datasheet HTML 19Page - Zilog, Inc. Z86131 Datasheet HTML 20Page - Zilog, Inc. Z86131 Datasheet HTML 21Page - Zilog, Inc. Z86131 Datasheet HTML 22Page - Zilog, Inc. Z86131 Datasheet HTML 23Page - Zilog, Inc. Z86131 Datasheet HTML 24Page - Zilog, Inc. Z86131 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Z86129/130/131
P R E L I M I N A R Y
NTSC Line 21 Decoder
DS96TEL0200
21
1
The master's sequence for reading two
data bytes (total
of three bytes including SSB) from the Z86129/130/131 is
given as:
Start-Slave Address Read/Slave ACK-SS Byte/Master
ACK-Byte (slave)/Master ACK-Byte (slave)/Master NACK-
Stop
Clock and Data Transitions. The SCK and SDA bus lines
are normally pulled High with a resistor. Data on the SDA
bus may only change during SCK Low time periods. Data
changes during SCK High periods will indicate a start or
stop condition as defined in Table 7.
Start Condition. A High-to-Low transition of SDA with
SCK High is a start condition which must precede any
other command.
Stop Condition. A Low-to-High transition of SDA with
SCK High is a stop condition which terminates all
communications.
Acknowledge. All address and data words are serially
transmitted to and from the Z86129/130/131 in eight bit
words. A ninth bit time is used for the acknowledge. The
acknowledging device does so by pulling the SDA bus Low
during the ninth bit. A Not Acknowledge (NACK) is given
by SDA=High during the ninth clock time.
Figure 10. I2C Bus READ (Command)
STRT
STOP
SLAVE
SERIAL
ADDR
STATUS
(READ=29h)
(SSB)
NACK
STRT
STOP
SLAVE
SERIAL
ADDR
STATUS
(READ=29h)
(SSB)
READ
DATA1
NACK
STRT
STOP
SLAVE
SERIAL
ADDR
STATUS
(READ=29h)
(SSB)
READ
DATA1
READ
DATA2
NACK
I2C-One Byte Write (Status Only)
I2C-Two Byte Read (Status & Data1)
I2C-Three Byte Read (Status, Data1, & Data2)
Note: In all I2C Read operations defined herein, the last byte read
from the Z86129/130/131 must be acknowledged by the master
with a NACK (Not ACKnowledge).
Figure 11. I2C Serial Timing
SDA (IN)
SCK
SDA (OUT)
t
SU.STA
t
HD.STA
t
AA
t
F
t
HightLow
t
HD.DAT
t
SU.DAT
t
DH
t
R
t
SU.STO
t
BUF
Table 7. I2C Serial Timing Min/max
Symbol
Parameter
Min
Max
Units
f
SCK
Clock Frequency
100
kHz
t
LOW
Clock Pulse Width Low
4.7
–
µs
t
High
Clock Pulse Width High
4.0
–
µs
t
R
SDA and SCL Rise Time
–
1.0
µs
t
F
SDA and SCL Fall Time
–
300
ns
t
AA
Clock Low to Data Out Valid
0.1
3.5
µs
t
BUF
Bus Free Time
4.7
–
µs
t
HD.STA
Start Hold Time
4.0
–
µs
t
SU.STA
Start Set-up Time
4.7
–
µs
t
HD.DAT
Data In Hold Time
0
–
µs
t
SU.DAT
Data In Set-up Time
250
–
ns
t
SU.STO
Stop Set-up Time
4.7
–
µs
t
DH
Data Out Hold Time
100
–
ns
t
I
Input Filter Time Constant
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com