Electronic Components Datasheet Search
  English  ▼

X  

Z86131 Datasheet(PDF) 33 Page - Zilog, Inc.

Part # Z86131
Description  NTSC LINE 21 DECIDER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86131 Datasheet(HTML) 33 Page - Zilog, Inc.

Back Button Z86131 Datasheet HTML 29Page - Zilog, Inc. Z86131 Datasheet HTML 30Page - Zilog, Inc. Z86131 Datasheet HTML 31Page - Zilog, Inc. Z86131 Datasheet HTML 32Page - Zilog, Inc. Z86131 Datasheet HTML 33Page - Zilog, Inc. Z86131 Datasheet HTML 34Page - Zilog, Inc. Z86131 Datasheet HTML 35Page - Zilog, Inc. Z86131 Datasheet HTML 36Page - Zilog, Inc. Z86131 Datasheet HTML 37Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Z86129/130/131
P R E L I M I N A R Y
NTSC Line 21 Decoder
DS96TEL0200
33
1
Z86129 COMMANDS AND REGISTER SUMMARY
Table 15. Z86129 Summary of Control Commands
Cmd.
Name
Cmd. Code
Function
RESET
FBh,FCh,00h
RESET is a three-byte command sequence in SPI or I2C mode. The RESET command
will establish all the specified default settings in the device, but it will not reset the serial
port itself. This sequence can be entered without RDY being set.
NOP
00h
NOP is a one-byte command for use in SPI or I2C mode. The NOP command does not
affect the status of the RDY bit in the Serial Status (SS) register and can be executed
independent of the RDY status.
SSB
FFh,...Fh,FEh
Serial Sync Bytes are used in SPI mode only. This command actually consists of a string
of single-byte commands in the form FFh,....FFh,FEh. SPI mode communications can be
synchronized by sending a synchronizing data string to the part. This string should
consist of at least two SSB bytes of FFh followed by one SSB byte of FEh. At the end of
the FEh byte the port is ready for use
CPTX
10h-1Fh
Selects a Closed Caption (CC1-CC4) or TEXT (T1-T4) data channel for processing or
display
DISP
20h-28h
Selects a preprogrammed XDS screen template for display, with or without 16 Second
Erase timer enabled
RDS1
40h-47h
RDS1 is a one-byte command used to initiate a one byte read sequence by moving the
contents of the register identified by the address field (AD00:02) of the command to the
output register. Addresses 0h-7h are valid in the RDS1 command field AD00:02.
RDS2
60h-66h
RDS2 is a one-byte command which is used to initiate a two-byte read sequence by
moving the contents of the two consecutive registers, starting with the one identified by
the address portion of the command (AD00:AD02), to the output registers and setting the
RD2 bit in the SS register. Only Addresses 0h-6h are valid in the RDS2 command field
AD00:02.
READ1
F8h
Command to read one byte in the SPI mode.
READ2
F9h
Command to read two bytes in the SPI mode.
WRxx
C0h-DFh, XXh The WRITE commands require two bytes to execute. The first byte is the write command
and includes the Z86129 register address (AD00:04) being written. The second byte (XXh)
will be the data to be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com