Electronic Components Datasheet Search
  English  ▼

X  

OPA657UB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657UB
Description  1.6-GHz, Low-Noise, FET-Input Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA657UB Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA657UB Datasheet HTML 17Page - Texas Instruments OPA657UB Datasheet HTML 18Page - Texas Instruments OPA657UB Datasheet HTML 19Page - Texas Instruments OPA657UB Datasheet HTML 20Page - Texas Instruments OPA657UB Datasheet HTML 21Page - Texas Instruments OPA657UB Datasheet HTML 22Page - Texas Instruments OPA657UB Datasheet HTML 23Page - Texas Instruments OPA657UB Datasheet HTML 24Page - Texas Instruments OPA657UB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
1
2 R C
p
F
F
=
GBP
4 R C
p
F
D
VB
+
CD
49 pF
CPCB
0.3 pF
OPA657
+5 V
-5 V
CF + CPCB
0.55 pF
RS
50
Oscilloscope
with 50
Inputs
RF
200 k

Supply Decoupling not
shown
OPA657
www.ti.com
SBOS197F – DECEMBER 2001 – REVISED AUGUST 2015
9.2 Typical Application
The high GBP and low input voltage and current noise for the OPA657 make it an ideal wideband
transimpedance amplifier for moderate to high transimpedance gains. Unity-gain stability in the operational
amplifier is not required for application as a transimpedance amplifier.
Figure 34. Wideband, High-Sensitivity, Transimpedance Amplifier Diagram
9.2.1 Design Requirements
Design a high-bandwidth, high-gain transimpedance amplifier with the design requirements shown in Table 1.
Table 1. Design Requirements
TARGET BANDWIDTH (MHz)
TRANSIMPEDANCE GAIN (k
Ω)
PHOTODIODE CAPACITANCE (pF)
1
200
49
9.2.2 Detailed Design Procedure
Designs that require high bandwidth from a large area detector with relatively high transimpedance gain benefit
from the low input voltage noise of the OPA657. This input voltage noise is peaked up over frequency by the
diode source capacitance, and can, in many cases, become the limiting factor to input sensitivity. The key
elements to the design are the expected diode capacitance (CD) with the reverse bias voltage (VB) applied, the
desired transimpedance gain, RF, and the GBP for the OPA657 (1600 MHz). Figure 34 shows a transimpedance
circuit with the parameters as described in Table 1. With these three variables set (and including the parasitic
input capacitance for the OPA657 and the PCB added to CD), the feedback capacitor value (CF) may be set to
control the frequency response. To achieve a maximally-flat second-order Butterworth frequency response, the
feedback pole should be set to:
(7)
Adding the common-mode and differential mode input capacitance (0.7 + 4.5) pF and the trace PCB capacitance
of approximately 0.3 pF to the 49-pF diode source capacitance of Figure 34, and targeting a 200-k
Ω
transimpedance gain using the 1600-MHz GBP for the OPA657 requires a feedback pole set to 3.5 MHz. This
requires a total feedback capacitance of 0.2 pF. Such low capacitance values are difficult to achieve due to
parasitics from the PCB and the surface mount components.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA657



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com