Electronic Components Datasheet Search
  English  ▼

X  

OPA657UB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657UB
Description  1.6-GHz, Low-Noise, FET-Input Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA657UB Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA657UB Datasheet HTML 9Page - Texas Instruments OPA657UB Datasheet HTML 10Page - Texas Instruments OPA657UB Datasheet HTML 11Page - Texas Instruments OPA657UB Datasheet HTML 12Page - Texas Instruments OPA657UB Datasheet HTML 13Page - Texas Instruments OPA657UB Datasheet HTML 14Page - Texas Instruments OPA657UB Datasheet HTML 15Page - Texas Instruments OPA657UB Datasheet HTML 16Page - Texas Instruments OPA657UB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
External
Pin
+V
CC
-VCC
Internal
Circuitry
OPA657
www.ti.com
SBOS197F – DECEMBER 2001 – REVISED AUGUST 2015
8 Detailed Description
8.1 Overview
The OPA657 is high gain-bandwidth, voltage feedback operational amplifier featuring a low noise JFET input
stage. The OPA657 has been decompensated to allow for optimized Bandwidth to Quiescent current
performance and better optimize its voltage noise performance. The OPA657 finds wide use in optical front-end
applications and in test and measurement systems that require high input impedance. It is built using a very high
speed complementary bipolar process.
8.2 Feature Description
8.2.1 Input and ESD Protection
The internal junction breakdown voltages are relatively low for these very small geometry devices. These
breakdowns are reflected in the Absolute Maximum Ratings table. All device pins are protected with internal ESD
protection diodes to the power supplies, as shown in Figure 28.
These diodes provide moderate protection to input overdrive voltages above the supplies as well. The protection
diodes can typically support 30-mA continuous current. Where higher currents are possible (that is, in systems
with ±12-V supply parts driving into the OPA657), current limiting series resistors should be added into the two
inputs. Keep these resistor values as low as possible because high values degrade both noise performance and
frequency response.
Figure 28. Internal ESD Protection
8.3 Device Functional Modes
8.3.1 Split-Supply Operation (±4-V to ±6-V)
To facilitate testing with common lab equipment, the OPA657 may be configured to allow for split-supply
operation. This configuration eases lab testing because the mid-point between the power rails is ground, and
most signal generators, network analyzers, oscilloscopes, spectrum analyzers and other lab equipment reference
their inputs and outputs to ground. Figure 29 and Figure 30 show the OPA657 configured in a simple
noninverting and inverting configuration respectively with ±5-V supplies. The input and output will swing
symmetrically around ground. Due to its ease of use, split-supply operation is preferred in systems where signals
swing around ground, but it requires generation of two supply rails.
8.3.2 Single-Supply Operation (8-V to 12-V)
Many newer systems use single power supply to improve efficiency and reduce the cost of the extra power
supply. The OPA657 is designed for use with split-supply configuration; however, it can be used with a single-
supply with no change in performance, as long as the input and output are biased within the linear operation of
the device. To change the circuit from split supply to single supply, level shift all the voltages by 1/2 the
difference between the power supply rails. An additional advantage of configuring an amplifier for single-supply
operation is that the effects of -PSRR will be minimized because the low supply rail has been grounded.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA657



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com