Electronic Components Datasheet Search
  English  ▼

X  

Z86233 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86233
Description  CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86233 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86233 Datasheet HTML 9Page - Zilog, Inc. Z86233 Datasheet HTML 10Page - Zilog, Inc. Z86233 Datasheet HTML 11Page - Zilog, Inc. Z86233 Datasheet HTML 12Page - Zilog, Inc. Z86233 Datasheet HTML 13Page - Zilog, Inc. Z86233 Datasheet HTML 14Page - Zilog, Inc. Z86233 Datasheet HTML 15Page - Zilog, Inc. Z86233 Datasheet HTML 16Page - Zilog, Inc. Z86233 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Z86233/243
CP96DZ81201
CP96DZ81201 (8/96)
AC ELECTRICAL CHARACTERISTICS
Additional Timing Table (SCLK/TCLK = XTAL/2)
T
A = 0°C to +70°CTA = –40°C to +105°C
V
CC
12 MHz
16 MHz
12 MHz
16 MHz
No Symbol Parameter
Note[6]
Min
Max
Min Max
Min Max
Min Max Units
Notes
1
TpC
Input Clock Period
3.0V
83
DC
62.5
DC
83
DC
62.5
DC
ns
[1]
5.5V
83
DC
62.5
DC
83
DC
62.5
DC
ns
[1]
2
TrC,TfC Clock Input Rise & Fall Times
3.0V
15
15
15
15
ns
[1]
5.5V
15
15
15
15
ns
[1]
3
TwC
Input Clock Width
3.0V
41
31
41
31
ns
[1]
5.5V
41
31
41
31
ns
[1]
4
TwTinL
Timer Input Low Width
3.0V
100
100
100
100
ns
[1]
5.5V
70
70
70
70
ns
[1]
5
TwTinH Timer Input High Width
3.0V
5TpC
5TpC
5TpC
5TpC
[1]
5.5V
5TpC
5TpC
5TpC
5TpC
[1]
6
TpTin
Timer Input Period
3.0V
8TpC
8TpC
8TpC
8TpC
[1]
5.5V
8TpC
8TpC
8TpC
8TpC
[1]
7
TrTin,
Timer Input Rise & Fall Timer
3.0V
100
100
100
100
ns
[1]
TfTin
5.5V
100
100
100
100
ns
[1]
8A TwIL
Int. Request Low Time
3.0V
100
100
100
100
ns
[1,2]
5.5V
70
70
70
70
ns
[1,2]
8B TwIL
Int. Request Low Time
3.0V
5TpC
5TpC
5TpC
5TpC
[1,3]
5.5V
5TpC
5TpC
5TpC
5TpC
[1,3]
9
TwIH
Int. Request Input High Time
3.0V
5TpC
5TpC
5TpC
5TpC
[1,2]
5.5V
5TpC
5TpC
5TpC
5TpC
[1,2]
10 Twsm
STOP-Mode Recovery Width Spec
3.0V
12
12
12
12
ns
5.5V
12
12
12
12
ns
11 Tost
Oscillator Startup Time
3.0V
5TpC
5TpC
5TpC
5TpC
[4]
5.5V
5TpC
5TpC
5TpC
5TpC
[4]
12 Twdt
Watch-Dog Timer Delay Time
D1
D0
Before Time-Out
3.0V
10
10
10
10
ms
0
0 [5]
5.5V
5
5
5
5
ms
0
0 [5]
3.0V
20
20
20
20
ms
0
1 [5]
5.5V
10
10
10
10
ms
0
1 [5]
3.0V
40
40
40
40
ms
1
0 [5]
5.5V
20
20
20
20
ms
1
0 [5]
3.0V
160
160
160
160
ms
1
1 [5]
5.5V
80
80
80
80
ms
1
1 [5]
13 T
POR
Power On Reset Delay
3.0V
7
24
7
24
7
25
7
25
ms
5.5V
3
13
3
13
3
14
3
14
ms
Notes:
[1] Timing Reference uses 0.7 V
CC for a logic 1 and 0.2 VCC for a logic 0.
[2] Interrupt request via Port 3 (P31-P33).
[3] Interrupt request via Port 3 (P30).
[4] SMR-D5 = 0.
[5] Reg. WDTMR, internal RC used.
[6] The V
DD voltage specification of 3.0V guarantees 3.3V ± 0.3V, and
the V
DD voltage specification of 5.5V guarantees 5.0V ± 0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com