Electronic Components Datasheet Search
  English  ▼

X  

Z86233 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86233
Description  CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86233 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86233 Datasheet HTML 1Page - Zilog, Inc. Z86233 Datasheet HTML 2Page - Zilog, Inc. Z86233 Datasheet HTML 3Page - Zilog, Inc. Z86233 Datasheet HTML 4Page - Zilog, Inc. Z86233 Datasheet HTML 5Page - Zilog, Inc. Z86233 Datasheet HTML 6Page - Zilog, Inc. Z86233 Datasheet HTML 7Page - Zilog, Inc. Z86233 Datasheet HTML 8Page - Zilog, Inc. Z86233 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Z86233/243
CP96DZ81201
CP96DZ81201 (8/96)
PIN DESCRIPTION
28-Pin DIP/SOIC/PLCC Pin Identification
Pin #
Symbol
Function
Direction
1-3
P25-P27
Port 2, Pins 5,6,7
In/Output
4-7
P07-P04
Port 0, Pins 4,5,6,7
In/Output
8V
CC
Power Supply
9
XTAL2
Crystal Oscillator
Output
10
XTAL1
Crystal Oscillator
Input
11-13
P33-P31
Port 3, Pins 1,2,3
Fixed Input
14-15
P35-P34
Port 3, Pins 4,5
Fixed Output
16
P37
Port 3, Pin 7
Fixed Output
17
P36
Port 3, Pin 6
Fixed Output
18
P30
Port 3, Pin 0
Fixed Input
19-21
P02-P00
Port 0, Pins 0,1,2
In/Output
22
GND
Ground
23
P03
Port 0, Pins 3
In/Output
24-28
P24-P20
Port 2, Pins 0,1,2,3,4 In/Output
28-Pin DIP Pin Configuration
1
2
9
3
4
5
6
7
8
28
27
26
25
24
23
22
21
20
P24
P23
P01
P22
P21
P20
P03
GND
P02
P25
P26
XTAL2
P27
P04
P05
P06
P07
VCC
Z86233
19
18
17
16
15
14
10
11
12
13
XTAL1
P31
P32
P33
P34
P00
P30
P36
P37
P35
28-Pin SOIC Pin Configuration
28-Pin PLCC Pin Configuration
P25
P26
P27
P04
P05
P06
P07
VCC
XTAL2
Z86233
P24
P23
P22
P21
P20
P03
GND
P02
P01
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
19
20
XTAL1
P00
21
22
23
24
25
26
27
28
P31
P32
P33
P34
P30
P36
P37
P35
25
19
5
11
18
12
26
4
Z86233
1
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
P21
P20
P03
GND
P02
P01
P00
P05
P06
P07
VCC
XT2
XT1
P31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com