Electronic Components Datasheet Search
  English  ▼

X  

Z86318 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86318
Description  Z8 MCU 8-BIT MICROCONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86318 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86318 Datasheet HTML 1Page - Zilog, Inc. Z86318 Datasheet HTML 2Page - Zilog, Inc. Z86318 Datasheet HTML 3Page - Zilog, Inc. Z86318 Datasheet HTML 4Page - Zilog, Inc. Z86318 Datasheet HTML 5Page - Zilog, Inc. Z86318 Datasheet HTML 6Page - Zilog, Inc. Z86318 Datasheet HTML 7Page - Zilog, Inc. Z86318 Datasheet HTML 8Page - Zilog, Inc. Z86318 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Z86318
Z8® MCU 8-Bit Microcontroller
P R E L I M I N A R Y
3
1
PIN DESCRIPTIONS
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to ab-
solute maximum rating conditions for extended periods
may affect device reliability.
Figure 2. Z86318 18-Pin DIP/SOIC
Pin Configuration
1
2
9
3
4
5
6
7
8
18
17
16
15
14
13
12
11
10
P23
P22
P33
P21
P20
VSS
P02
P01
P00
P24
P25
P32
P26
P27
VDD
XTAL2
P31
Z86318
XTAL1
Table 1. Z86318 18 Pin DIP/SOIC Pin Identification
Pin #
Symbol
Function
Direction
1-4
P24-P27
Port 2, Pins 4, 5, 6, 7
In/Output
5VDD
Power Supply
Input
6
XTAL2
XTAL Osc. Clock
Output
7
XTAL1
XTAL Osc. Clock
Input
8
P31
Port 3, Pin 1
Input
9
P32
Port 3, Pin 2
Input
10
P33
Port 3, Pin 3
Input
11-13
P00-P02
Port 0, Pins 0, 1, 2
In/Output
14
VSS
Ground
15-18
P20-P23
Port 2, Pins 0, 1, 2, 3
In/Output
Sym.
Parameter
Min.
Max.
Units
VDD
Supply Voltage*
–0.3
+7
V
TSTG
Storage Temp.
–65
°
+150
°
C
TA
Oper. Ambient Temp.
C
Note:
*Voltages on all pins with respect to Ground.
†See Ordering Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com