Electronic Components Datasheet Search
  English  ▼

X  

Z86318 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86318
Description  Z8 MCU 8-BIT MICROCONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86318 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86318 Datasheet HTML 1Page - Zilog, Inc. Z86318 Datasheet HTML 2Page - Zilog, Inc. Z86318 Datasheet HTML 3Page - Zilog, Inc. Z86318 Datasheet HTML 4Page - Zilog, Inc. Z86318 Datasheet HTML 5Page - Zilog, Inc. Z86318 Datasheet HTML 6Page - Zilog, Inc. Z86318 Datasheet HTML 7Page - Zilog, Inc. Z86318 Datasheet HTML 8Page - Zilog, Inc. Z86318 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Z86318
Z8® MCU 8-Bit Microcontroller
4
P R E L I M I N A R Y
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to
Ground.Positive current flows into the referenced pin (Fig-
ure 3).
CAPACITANCE
TA = GND = 0V, f = 1.0 MHz, unmeasured pins returned to Ground.
VCC SPECIFICATION
VCC = 4.0V to 6.0V
Figure 3. Test Load Diagram
From Output
Under Test
150 pF
I
Parameter
Min.
Max.
Input Capacitance
0
10 pF
Output Capacitance
0
20 pF
I/O Capacitance
0
25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com