Electronic Components Datasheet Search
  English  ▼

X  

Z86C04 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86C04
Description  CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C04 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86C04 Datasheet HTML 9Page - Zilog, Inc. Z86C04 Datasheet HTML 10Page - Zilog, Inc. Z86C04 Datasheet HTML 11Page - Zilog, Inc. Z86C04 Datasheet HTML 12Page - Zilog, Inc. Z86C04 Datasheet HTML 13Page - Zilog, Inc. Z86C04 Datasheet HTML 14Page - Zilog, Inc. Z86C04 Datasheet HTML 15Page - Zilog, Inc. Z86C04 Datasheet HTML 16Page - Zilog, Inc. Z86C04 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Z86C04/C08
Zilog
CMOS 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
DS97DZ80502
P R E L I M I N A R Y
13
1
AC ELECTRICAL CHARACTERISTICS
Timing Table (Standard Mode for SCLK/TCLK = XTAL/2)
TA = -40C to +125C
8 MHz
12 MHz
No
Symbol
Parameter
V
CC
Min
Max
Min
Max
Units
Notes
1
TpC
Input Clock Period
3.0V
125
DC
83
DC
ns
1
5.5V
125
DC
83
DC
ns
1
2
TrC,TfC
Clock Input Rise
and Fall Times
3.0V
25
15
ns
1
5.5V
25
15
ns
1
3
TwC
Input Clock Width
3.0V
62
41
ns
1
5.5V
62
41
ns
1
4
TwTinL
Timer Input Low Width
3.0V
100
100
ns
1
5.5V
70
70
ns
1
5
TwTinH
Timer Input High Width
3.0V
5TpC
5TpC
1
5.5V
5TpC
5TpC
1
6
TpTin
Timer Input Period
3.0V
8TpC
8TpC
1
5.5V
8TpC
8TpC
1
7
TrTin,
TtTin
Timer Input Rise
and Fall Time
3.0V
100
100
ns
1
5.5V
100
100
ns
1
8
TwIL
Int. Request Input
Low Time
3.0V
100
100
ns
1,2
5.5V
70
70
ns
1,2
9
TwIH
Int. Request Input
High Time
3.0V
5TpC
5TpC
1
5.5V
5TpC
5TpC
1,2
10
Twdt
Watch-Dog Timer
Delay Time Before
Timeout
3.0V
25
25
ms
5.5V
10
10
ms
11
Tpor
Power-On Reset Time
3.0V
50
180
50
180
ms
3
5.5V
20
100
20
100
ms
3
3.0V
4
60
4
60
ms
4
5.5V
2
30
2
30
ms
4
Notes:
1. Timing Reference uses 0.7 V
CC for a logic 1 and 0.2 VCC for a logic 0.
2. Interrupt request through Port 3 (P33-P31).
3. Z86C08.
4. Z86C04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com