Electronic Components Datasheet Search
  English  ▼

X  

Z86C04 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86C04
Description  CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C04 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86C04 Datasheet HTML 1Page - Zilog, Inc. Z86C04 Datasheet HTML 2Page - Zilog, Inc. Z86C04 Datasheet HTML 3Page - Zilog, Inc. Z86C04 Datasheet HTML 4Page - Zilog, Inc. Z86C04 Datasheet HTML 5Page - Zilog, Inc. Z86C04 Datasheet HTML 6Page - Zilog, Inc. Z86C04 Datasheet HTML 7Page - Zilog, Inc. Z86C04 Datasheet HTML 8Page - Zilog, Inc. Z86C04 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Z86C04/C08
CMOS 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Zilog
2
P R E L I M I N A R Y
DS97DZ80502
GENERAL DESCRIPTION (Continued)
Note: All Signals with a preceding front slash, "/", are
active Low, e.g.: B//W (WORD is active Low); /B/W (BYTE
is active Low, only).
Power connections follow conventional descriptions be-
low:
Connection
Circuit
Device
Power
Ground
V
CC
GND
V
DD
V
SS
Figure 1. Z86C04/C08
Functional Block Diagram
Port 3
Counter/
Timers (2)
Interrupt
Control
Two Analog
Comparators
Port 2
I/O
(Bit Programmable)
ALU
FLAG
Register
Pointer
Register File
Machine
Timing & Inst.
Control
Prg. Memory
Program
Counter
Vcc
GND
XTAL
Vcc
Input
Port 0
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com