Electronic Components Datasheet Search
  English  ▼

X  

Z86C21 Datasheet(PDF) 20 Page - Zilog, Inc.

Part # Z86C21
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C21 Datasheet(HTML) 20 Page - Zilog, Inc.

Back Button Z86C21 Datasheet HTML 16Page - Zilog, Inc. Z86C21 Datasheet HTML 17Page - Zilog, Inc. Z86C21 Datasheet HTML 18Page - Zilog, Inc. Z86C21 Datasheet HTML 19Page - Zilog, Inc. Z86C21 Datasheet HTML 20Page - Zilog, Inc. Z86C21 Datasheet HTML 21Page - Zilog, Inc. Z86C21 Datasheet HTML 22Page - Zilog, Inc. Z86C21 Datasheet HTML 23Page - Zilog, Inc. Z86C21 Datasheet HTML 24Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
\20
Z86C21 MCU
WITH
8K ROM
AC CHARACTERISTICS
External I/O or Memory Read or Write Timing Diagram
R//W
9
12
18
3
16
13
4
5
8
11
6
17
10
15
7
14
Port 0, /DM
Port 1
/AS
/DS
(Read)
Port 1
/DS
(Write)
A7 - A0
D7 - D0 IN
D7 - D0 OUT
A7 - A0
17
1
2
Figure 19. External I/O or Memory Read/Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com