Electronic Components Datasheet Search
  English  ▼

X  

Z86C33 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86C33
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C33 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86C33 Datasheet HTML 1Page - Zilog, Inc. Z86C33 Datasheet HTML 2Page - Zilog, Inc. Z86C33 Datasheet HTML 3Page - Zilog, Inc. Z86C33 Datasheet HTML 4Page - Zilog, Inc. Z86C33 Datasheet HTML 5Page - Zilog, Inc. Z86C33 Datasheet HTML 6Page - Zilog, Inc. Z86C33 Datasheet HTML 7Page - Zilog, Inc. Z86C33 Datasheet HTML 8Page - Zilog, Inc. Z86C33 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Z86C33/C43
CP95DZ80202
PIN DESCRIPTION (Continued)
P30
P36
P37
P35
/RESET
R//RL
/AS
P34
P33
P32
P31
P21
P22
P23
P24
/DS
N/C
R//W
P25
P26
P27
P04
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
39
Z86C43
654321
44 43 42 41 40
18 19 20 21 22 23 24 25 26 27 28
Pin #
Symbol
Function
Direction
28
XTAL1
Crystal, Oscillator Clock Input
29-31 P31-33
Port 3, Pins 1,2,3
Input
32
P34
Port 3, Pin 4
Output
33
/AS
Address Strobe
Output
34
R//RL
ROM/ROMless Control
Input
35
/RESET
Reset
Input
36
P35
Port 3, Pin 5
Output
37
P37
Port 3, Pin 7
Output
38
P36
Port 3, Pin 6
Output
39
P30
Port 3, Pin 0
Input
40-41 P00-01
Port 0, Pins 0,1
In/Output
42-43 P10-11
Port 1, Pins 0,1
In/Output
44
P02
Port 0, Pin 2
In/Output
Pin #
Symbol
Function
Direction
1-2
GND
Ground
3-4
P12-13
Port 1, Pins 2,3
In/Output
5
P03
Port 0, Pin 3
In/Output
6-10
P20-24
Port 2, Pins 0,1,2,3,4
In/Output
11
/DS
Data Strobe
Output
12
N/C
Not Connected
13
R//W
Read/Write
Output
14-16 P25-27
Port 2, Pins 5,6,7
In/Output
17-19 P04-06
Port 0, Pins 4,5,6
In/Output
20-21 P14-15
Port 1, Pins 4,5
In/Output
22
P07
Port 0, Pin 7
In/Output
23,24 V
CC
Power Supply
25-26 P16-17
Port 1, Pins 6,7
In/Output
27
XTAL2
Crystal, Oscillator Clock Output
44-Pin PLCC Pin Identification
44-Pin PLCC Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com