Electronic Components Datasheet Search
  English  ▼

X  

Z86C33 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86C33
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C33 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z86C33 Datasheet HTML 2Page - Zilog, Inc. Z86C33 Datasheet HTML 3Page - Zilog, Inc. Z86C33 Datasheet HTML 4Page - Zilog, Inc. Z86C33 Datasheet HTML 5Page - Zilog, Inc. Z86C33 Datasheet HTML 6Page - Zilog, Inc. Z86C33 Datasheet HTML 7Page - Zilog, Inc. Z86C33 Datasheet HTML 8Page - Zilog, Inc. Z86C33 Datasheet HTML 9Page - Zilog, Inc. Z86C33 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Z86C33/C43
CP95DZ80202
Pin #
Symbol
Function
Direction
1-2
P05-06
Port 0, Pins 5,6
In/Output
3-4
P14-15
Port 1, Pins 4,5
In/Output
5
P07
Port 0, Pin 7
In/Output
6-7
V
CC
Power Supply
8-9
P16-17
Port 1 Pins 6,7
In/Output
10
XTAL2
Crystal, Oscillator Clock Output
11
XTAL1
Crystal, Oscillator Clock Input
12-14 P31-33
Port 3, Pins 1,2,3
Input
15
P34
Port 3, Pin 4
Output
16
/AS
Address Strobe
Output
17
R//RL
ROM/ROMless Control
Input
18
/RESET
Reset
Input
19
P35
Port 3, Pin 5
Output
20
P37
Port 3, Pin 7
Output
Pin #
Symbol
Function
Direction
21
P36
Port 3, Pin 6
Output
22
P30
Port 3, Pin 0
Input
23-24 P00-01
Port 0, Pins 0,1
In/Output
25-26 P10-11
Port 1, Pins 0,1
In/Output
27
P02
Port 0, Pin 2
In/Output
28-29 GND
Ground
30-31 P12-13
Port 1, Pins 2,3
In/Output
32
P03
Port 0, Pin 3
In/Output
33-37 P20-24
Port 2, Pins 0,1,2,3,4
In/Output
38
/DS
Data Strobe
Output
39
N/C
Not Connected
40
R//W
Read/Write
Output
41-43 P25-27
Port 2, Pins 5,6,7
In/Output
44
P04
Port 0, Pin 4
In/Output
PIN DESCRIPTION (Continued)
34
35
36
37
38
39
40
41
42
43
44
21
20
19
18
17
16
15
14
13
12
22
33 32 31 30 29 28 27 26 25 24 23
123456789
10 11
Z86C43
P21
P22
P23
P24
/DS
N/C
R//W
P25
P26
P27
P04
P30
P36
P37
P35
/RESET
R//RL
/AS
P34
P33
P32
P31
44-Pin QFP Pin Assignments
44-Pin QFP Pin Identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com