Electronic Components Datasheet Search
  English  ▼

X  

Z86C84 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86C84
Description  Z8 MCU MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C84 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86C84 Datasheet HTML 1Page - Zilog, Inc. Z86C84 Datasheet HTML 2Page - Zilog, Inc. Z86C84 Datasheet HTML 3Page - Zilog, Inc. Z86C84 Datasheet HTML 4Page - Zilog, Inc. Z86C84 Datasheet HTML 5Page - Zilog, Inc. Z86C84 Datasheet HTML 6Page - Zilog, Inc. Z86C84 Datasheet HTML 7Page - Zilog, Inc. Z86C84 Datasheet HTML 8Page - Zilog, Inc. Z86C84 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Z86C83/C84
Z8
® MCU Microcontrollers
4
DS96DZ80203
PIN DESCRIPTION (Continued)
Table 3. Z86C83 28-Pin PLCC Pin Identification
No
Symbol
Function
Direction
1-8
P20-P27
or AC0-AC7
Port 2, Bit 0-7
Analog In 0-7
Input/Output
9
/RESET
Reset
Input
10
XTAL1
Oscillator Clock
Input
11
XTAL2
Oscillator Clock
Output
12
GND
Ground
13
V
CC
Power
14-16
P31-P33
Port 3, Bits 1-3
Input
17
P34
Port 3, Bit 4
Output
18
P36
Port 3, Bit 6
Output
19
P35
Port 3, Bit 5
Output
20-26
P00-P06
Port 0, Bits 0-6
Input/Output
27
A
GND
Analog Ground
28
AV
CC
Analog Power
Figure 4. Z86C83 28-Pin PLCC Pin Configuration
9
5
6
7
8
P27/AC7
P26/AC6
P25/AC5
P24/AC4
/RESET
XTAL1
XTAL2
10
11
1
2
3
4
28
27
26
13
12
18
17
16
14
15
25
24
23
22
21
20
19
P04
P05
P01
P35
P00
P03
P02
Z86C83
PLCC
Table 4. Z86C84 28-Pin PLCC Pin Identification
No
Symbol
Function
Direction
1-8
P20-P27
or AC0-AC7
Port 2, Bit 0-7
Analog In 0-7
Input/Output
9
/RESET
Reset
Input
10
XTAL1
Oscillator Clock
Input
11
XTAL2
Oscillator Clock
Output
12
GND
Ground
13
V
CC
Power
14-16 P31-P33
Port 3, Bits 1-3
Input
17
P34
Port 3, Bit 4
Output
18
P36
Port 3, Bit 6
Output
19
P35
Port 3, Bit 5
Output
20-22 P00-P02
Port 0, Bits 0-3
Input/Output
23
VDLO
D/A Ref. Volt,Low
Input
24
VDHI
D/A Ref. Volt.,High
Input/Output
25-26 DAC2-DAC1 D/A Converter
Output
27
A
GND
Analog Ground
28
AV
CC
Analog Power
Figure 5. Z86C84 28-Pin PLCC Pin Configuration
9
5
6
7
8
P27/AC7
P26/AC6
P25/AC5
P24/AC4
/RESET
XTAL1
XTAL2
10
11
1
2
3
4
28
27
26
13
12
18
17
16
14
15
25
24
23
22
21
20
19
VDHI
DAC2
P01
P35
P00
VDLO
P02
Z86C84
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com