Electronic Components Datasheet Search
  English  ▼

X  

Z86C84 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86C84
Description  Z8 MCU MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C84 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86C84 Datasheet HTML 3Page - Zilog, Inc. Z86C84 Datasheet HTML 4Page - Zilog, Inc. Z86C84 Datasheet HTML 5Page - Zilog, Inc. Z86C84 Datasheet HTML 6Page - Zilog, Inc. Z86C84 Datasheet HTML 7Page - Zilog, Inc. Z86C84 Datasheet HTML 8Page - Zilog, Inc. Z86C84 Datasheet HTML 9Page - Zilog, Inc. Z86C84 Datasheet HTML 10Page - Zilog, Inc. Z86C84 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Z86C83/C84
Z8
® MCU Microcontrollers
DS96DZ80203
7
1
DC ELECTRICAL CHARACTERISTICS
Sym Parameter
V
CC
Note 3
T
A = 0° C
to +70
°C
T
A = –40°C
to +105
°C
Typical
[13]
@ 25
°C Units Conditions
Notes
Min
Max
Min
Max
V
CH
Clock Input High
Voltage
3.0V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
1.3
V
Driven by External Clock
Generator
5.5V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
2.5
V
Driven by External Clock
Generator
V
CL
Clock Input Low
Voltage
3.0V
GND-0.3
0.2 V
CC
GND-0.3
0.2 V
CC
0.7
V
Driven by External Clock
Generator
5.5V
GND-0.3
0.2 V
CC
GND-0.3
0.2 V
CC
1.5
V
Driven by External Clock
Generator
V
IH
Input High Voltage
3.0V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
1.3
V
5.5V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
2.5
V
V
IL
Input Low Voltage
3.0V
GND-0.3
0.2 V
CC
GND-0.3
0.2 V
CC
0.7
V
5.5V
GND-0.3
0.2 V
CC
GND-0.3
0.2 V
CC
1.5
V
V
OH1
Output High
Voltage
3.0V
V
CC-0.4
V
CC-0.4
3.1
V
I
OH = -2.0 mA
8
5.5V
V
CC-0.4
V
CC-0.4
4.8
V
I
OH = -2.0 mA
8
V
OL1
Output Low
Voltage
3.0V
0.6
0.6
0.2
V
I
OL = +4.0
mA
8
5.5V
0.4
0.4
0.1
V
I
OL = +4.0
mA
8
V
OL2
Output Low
Voltage
3.0V
1.2
1.2
0.3
V
I
OL = +6 mA
8
5.5V
1.2
1.2
0.3
V
I
OL = +12 mA
8
V
RH
Reset Input High
Voltage
3.0V
.8 V
CC
V
CC
.8 V
CC
V
CC
1.5
V
5.5V
.8 V
CC
V
CC
.8 V
CC
V
CC
2.1
V
V
Rl
Reset Input Low
Voltage
3.0V
GND-0.3
0.2 V
CC
GND-0.3
0.2 V
CC
1.1
V
5.5V
GND-0.3
0.2 V
CC
GND-0.3
0.2 V
CC
1.7
V
V
OFFSET Comparator Input
Offset
3.0V
25
25
10
mV
10
Voltage
5.5V
25
25
10
mV
10
I
IL
Input Leakage
3.0V
-1
1
-1
2
<1
µAV
IN = OV, VCC
5.5V
-1
1
-1
2
<1
µAV
IN = OV, VCC
I
OL
Output Leakage
3.0V
-1
1
-1
2
<1
µAV
IN = OV, VCC
5.5V
-1
1
-1
2
<1
µAV
IN = OV, VCC
I
IR
Reset Input
Current
3.0V
-130
-130
-25
µA
5.5V
-180
-180
-40
µA
I
CC
Supply Current
3.0V
20
20
7
mA
@ 16 MHz
4, 15
5.5V
25
25
20
mA
@ 16 MHz
4, 15
5.0V
7
7
3
mA
@ 3.58 MHz
4, 15
5.0V
10
10
5
mA
@ 8 MHz
4, 15
I
CC1
Standby Current
3.0V
4.5
4.5
2.0
mA
HALT Mode V
IN = OV, VCC @ 16
MHz
4
5.5V
8
8
3.7
mA
HALT Mode V
IN = OV, VCC @ 16
MHz
4
3.0V
3.4
3.4
1.5
mA Clock Divide-by-16 @ 16 MHz
4
5.5V
7.0
7.0
2.9
mA Clock Divide-by-16 @ 16 MHz
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com