Electronic Components Datasheet Search
  English  ▼

X  

Z86C89 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z86C89
Description  ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C89 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z86C89 Datasheet HTML 6Page - Zilog, Inc. Z86C89 Datasheet HTML 7Page - Zilog, Inc. Z86C89 Datasheet HTML 8Page - Zilog, Inc. Z86C89 Datasheet HTML 9Page - Zilog, Inc. Z86C89 Datasheet HTML 10Page - Zilog, Inc. Z86C89 Datasheet HTML 11Page - Zilog, Inc. Z86C89 Datasheet HTML 12Page - Zilog, Inc. Z86C89 Datasheet HTML 13Page - Zilog, Inc. Z86C89 Datasheet HTML 14Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
AC CHARACTERISTICS
Handshake Timing Table
No
Symbol
Parameter
V
CC
T
A = 0°C To 70° CTA = -40° C To 105° C
Note[1]
8 MHz
12 MHz
8 MHz
12 MHz
Data
Min
Max
Min
Max
Min
Max
Min
Max
Direc-
tion
1
TsDI(DAV)
Data In Setup Time
3.3V
0000
IN
5.0V
0000
IN
2
ThDI(DAV)
Data In Hold Time
3.3V
160
160
160
160
IN
5.0V
115
115
115
115
IN
3
TwDAV
Data Available Width
3.3V
155
155
155
155
IN
5.0V
110
110
110
110
IN
4
TdDAVI(RDY) DAV Falling to RDY
3.3V
160
160
160
160
IN
Falling Delay
5.0V
115
115
115
115
IN
5
TdDAVId(RDY) DAV Rising to RDY
3.3V
120
120
120
120
IN
Falling Delay
5.0V
80
80
80
80
IN
6
TdDO(DAV)
RDY Rising to DAV
3.3V
0000
IN
Falling Delay
5.0V
0000
IN
7
TcLDAV0(RDY) Data Out to DAV
3.3V
63
42
63
42
OUT
Falling Delay
5.0V
63
42
63
42
OUT
8
TcLDAV0(RDY) DAV Falling to RDY
3.3V
0000
OUT
Falling Delay
5.0V
0000
OUT
9
TdRDY0(DAV) RDY Falling to DAV
3.3V
160
160
160
160
OUT
Rising Delay
5.0V
115
115
115
115
OUT
10
TwRDY
RDY Width
3.3V
110
110
110
110
OUT
5.0V
80
80
80
80
OUT
11
TdRDY0d(DAV) RDY Rising to DAV
3.3V
110
110
110
110
OUT
Falling Delay
5.0V
80
80
80
80
OUT
Note:
[1] 5.0 V
±0.5V, 3.3V ±0.3V
responsible for any errors that may appear in this document. Zilog, Inc.
makes no commitment to update or keep current the information
contained in this document.
Zilog, Inc. 210 East Hacienda Ave.
Campbell, CA 95008-6600
Telephone (408) 370-8000
Telex 171-980 A/B ZILOG CPTO
FAX 408 370-8056/8027
© 1991 by Zilog, Inc. All rights reserved. No part of this document may
be copied or reproduced in any form or by any means without the prior
written consent of Zilog, Inc. The information in this document is subject
to change without notice. Devices sold by Zilog, Inc. are covered by
warranty and patent indemnification provisions appearing in Zilog, Inc.
Terms and Conditions of Sale only. Zilog, Inc. makes no warranty,
express, statutory, implied or by description, regarding the information
set forth herein or regarding the freedom of the described devices from
intellectual property infringement. Zilog, Inc. makes no warranty of
merchantability or fitness for any purpose. Zilog, Inc. shall not be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com