Electronic Components Datasheet Search
  English  ▼

X  

Z86C89 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86C89
Description  ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C89 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z86C89 Datasheet HTML 2Page - Zilog, Inc. Z86C89 Datasheet HTML 3Page - Zilog, Inc. Z86C89 Datasheet HTML 4Page - Zilog, Inc. Z86C89 Datasheet HTML 5Page - Zilog, Inc. Z86C89 Datasheet HTML 6Page - Zilog, Inc. Z86C89 Datasheet HTML 7Page - Zilog, Inc. Z86C89 Datasheet HTML 8Page - Zilog, Inc. Z86C89 Datasheet HTML 9Page - Zilog, Inc. Z86C89 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
DC CHARACTERISTICS
Sym
Parameter
V
CC
T
A = 0°CTA = -40° C
Typ @ Units
Conditions
Notes
Note [3]
to 70
°C
to 105
° C25°C
Min
Max
Min
Max
Max Input Voltage
3.3V
7
7
V
I
IN 250µA
5.0V
7
7
V
I
IN 250µA
V
CH
Clock Input
3.3V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
1.3
V
Driven by External
High Voltage
Clock Generator
5.0V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
2.5
V
Driven by External
Clock Generator
V
CL
Clock Input
3.3V
GND -0.30.2 V
CC
GND-0.3 0.2 V
CC
0.7
V
Driven by External
Low Voltage
Clock Generator
5.0V
GND-0.3 0.2 V
CC
GND-0.3 0.2 V
CC
1.5
V
Driven by External
Clock Generator
V
IH
Input High Voltage
3.3V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
1.3
V
5.0V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
2.5
V
V
IL
Input Low Voltage
3.3V
GND-0.3 0.2 V
CC
GND-0.3 0.2 V
CC
0.7
V
5.0V
GND-0.3 0.2 V
CC
GND-0.3 0.2 V
CC
1.5
V
V
OH
Output High Voltge
3.3V
V
CC-0.4
V
CC-0.4
3.1
V
I
OH = -2.0 mA
5.0V
V
CC-0.4
V
CC-0.4
4.8
V
I
OH = -2.0 mA
V
OL1
Output Low Voltage
3.3V
0.6
0.6
0.2
V
I
OH = +4.0 mA
5.0V
0.4
0.4
0.1
V
I
OL = +4.0 mA
V
OL2
Output Low Voltage
3.3V
1.2
1.2
0.3
V
I
OL = +6 mA,
3 Pin Max
5.0V
1.2
1.2
0.3
V
I
OL = +12 mA,
3 Pin Max
V
RH
Reset Input
3.3V
.8 V
CC
V
CC
.8 V
CC
V
CC
1.5
V
High Voltage
5.0V
.8 V
CC
V
CC
.8 V
CC
V
CC
2.1
V
V
Rl
Reset Input
3.3V
GND-0.3 0.2 V
CC
GND-0.3 0.2 V
CC
1.1
Low Voltage
5.0V
GND-0.3 0.2 V
CC
GND-0.3 0.2 V
CC
1.7
V
OFFSET
Comparator Input
3.3V
25
25
10
mV
Offset Voltage
5.0V
25
25
10
mV
I
IL
Input Leakage
3.3V
-1
1
-1
2
< 1
µAV
IN = OV, VCC
5.0V
-1
1
-1
2
< 1
µAV
IN = OV, VCC
I
OL
Output Leakage
3.3V
-1
1
-1
2
< 1
µAV
IN = OV, VCC
5.0V
-1
1
-1
2
< 1
µAV
IN = OV, VCC
I
IR
Reset Input Current
3.3V
-45
-60
-20
µA
5.0V
-55
-70
-30
µA
I
CC
Supply Current
3.3V
10
10
4
mA
@ 8 MHz
[4,5]
5.0V
15
15
10
mA
@ 8 MHz
[4,5]
3.3V
15
15
5
mA
@ 12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com