Electronic Components Datasheet Search
  English  ▼

X  

Z86C93 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86C93
Description  CMOS Z8 MULT/DIV MICROCONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C93 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86C93 Datasheet HTML 1Page - Zilog, Inc. Z86C93 Datasheet HTML 2Page - Zilog, Inc. Z86C93 Datasheet HTML 3Page - Zilog, Inc. Z86C93 Datasheet HTML 4Page - Zilog, Inc. Z86C93 Datasheet HTML 5Page - Zilog, Inc. Z86C93 Datasheet HTML 6Page - Zilog, Inc. Z86C93 Datasheet HTML 7Page - Zilog, Inc. Z86C93 Datasheet HTML 8Page - Zilog, Inc. Z86C93 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Z86C93
CPS DC-4020-12
40-Pin DIP Package
(20 MHz)
1
2
9
3
4
5
6
7
8
40
39
38
37
36
35
34
33
32
P36
P31
P21
P27
P26
P25
P24
P23
P22
VCC
XTAL2
P37
P30
/RESET
R//W
/DS
31
30
29
28
27
14
10
11
12
13
XTAL1
GND
P32
P00
P01
P20
P33
P34
P17
P16
Z86C93
DIP
15
26
25
24
23
22
21
20
16
17
18
19
/AS
P35
P02
P03
P06
P07
P05
P04
P13
P15
P14
P12
P11
P10
44-Pin PLCC Package
(20 MHz)
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
39
Z86C93
MCU
654321
44 43 42 41 40
18 19 20 21 22 23 24 25 26 27 28
NC
P24
P23
P22
P21
P20
P33
P34
P17
P16
P15
/RESET
R//W
/DS
/AS
P35
GND
P32
P00
P01
P02
IACK
34
35
36
37
38
39
40
41
42
43
44
21
20
19
18
17
16
15
14
13
12
22
33 32 31 30 29 28 27 26 25 24 23
12
345
678 9 10 11
Z86C93
MCU
P25
P26
P27
P31
P36
+5V
XTAL2
XTAL1
P37
P30
SCLK
/SYNC
P14
P13
P12
P11
P10
P07
P06
P05
P04
P03
48-Pin VQFP Package
(20 MHz)
44-Pin QFP Package
(20 MHz)
+5V
P37
P30
SCLK
NC
P25
P26
P27
P31
P36
XTAL2
XTAL1
P06
P05
P04
P03
NC
25
37
38
39
40
41
36 35 34 33 32 31 30 29 28 27 26
Z86C93
MCU
43
44
45
46
47
48
23
456
78 9 10 11 12
23
22
21
20
19
18
24
/SYNC
P14
P13
P12
P11
P10
P07
13
16
15
14
42
1
17
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com