Electronic Components Datasheet Search
  English  ▼

X  

Z86C93 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86C93
Description  CMOS Z8 MULT/DIV MICROCONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C93 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86C93 Datasheet HTML 3Page - Zilog, Inc. Z86C93 Datasheet HTML 4Page - Zilog, Inc. Z86C93 Datasheet HTML 5Page - Zilog, Inc. Z86C93 Datasheet HTML 6Page - Zilog, Inc. Z86C93 Datasheet HTML 7Page - Zilog, Inc. Z86C93 Datasheet HTML 8Page - Zilog, Inc. Z86C93 Datasheet HTML 9Page - Zilog, Inc. Z86C93 Datasheet HTML 10Page - Zilog, Inc. Z86C93 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Z86C93
CPS DC-4020-12
DC ELECTRICAL CHARACTERISTICS
VCC = 5.0V
± 10%
T
A = 0°C to +70°C
Typical
Sym
Parameter
Min
Max
at 25
°C
Units
Conditions
Max Input Voltage
7
V
I
IN 250 µA
V
CH
Clock Input High Voltage
3.8
V
CC
V
Driven by External Clock Generator
V
CL
Clock Input Low Voltage
–0.03
0.8
V
Driven by External Clock Generator
V
IH
Input High Voltage (P0,P1,P2) 2.0
V
CC
V
V
IH
Input High Voltage (P3)
2.2
V
CC
V
V
IL
Input Low Voltage
–0.3
0.8
V
V
OH
Output High Voltge
2.4
V
I
OH= –2.0 mA
V
OH
Output High Voltage
V
CC –100mV
V
I
OH = –100 µA
V
OL
Output Low Voltage
0.4
V
I
OL = +5 mA
V
RH
Reset Input High Voltage
3.8
V
CC
V
V
Rl
Reset Input Low Voltage
–0.03
0.8
V
I
IL
Input Leakage
–2
2
µA
Test at 0V, V
CC
I
OL
Output Leakage
–2
2
µA
Test at 0V, V
CC
I
IR
Reset Input Current
–180
µAV
RL = 0V
I
CC
Supply Current
55
35
mA
@ 33 MHz [1]
40
25
mA
@ 25 MHz [1]
30
20
mA
@ 20 MHz [1]
I
CC1
Standby Current (HALT Mode)
20
15
mA
HALT Mode V
IN = OV, VCC @ 33 MHz [1]
15
9
mA
HALT Mode V
IN = OV, VCC @ 25 MHz [1]
12
7
mA
HALT Mode V
IN = OV, VCC @ 20 MHz [1]
I
CC2
Standby Current
10
1
µA
STOP Mode V
IN = OV, VCC [1]
I
AL
Auto Latch Current
–16
16
5
µA
Note:
[1] All inputs driven to 0V, or V
cc and outputs floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com