Electronic Components Datasheet Search
  English  ▼

X  

NTS8100MFS Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTS8100MFS
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS8100MFS Datasheet(HTML) 2 Page - ON Semiconductor

  NTS8100MFS Datasheet HTML 1Page - ON Semiconductor NTS8100MFS Datasheet HTML 2Page - ON Semiconductor NTS8100MFS Datasheet HTML 3Page - ON Semiconductor NTS8100MFS Datasheet HTML 4Page - ON Semiconductor NTS8100MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTS8100MFS, NRVTS8100MFS
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR, TC = 130°C)
IF(AV)
8
A
Peak Repetitive Forward Current,
(Rated VR, Square Wave, 20 kHz, TC = 135°C)
IFRM
16
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Storage Temperature Range
Tstg
−65 to +150
°C
Operating Junction Temperature
TJ
−55 to +150
°C
Unclamped Inductive Switching Energy (10 mH Inductor, Non−repetitive)
EAS
100
mJ
ESD Rating (Human Body Model)
3B
ESD Rating (Machine Model)
M4
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance, Junction−to−Case, Steady State
(Assumes 600 mm2 1 oz. copper bond pad, on a FR4 board)
RθJC
−
2.0
°C/W
ELECTRICAL CHARACTERISTICS
Instantaneous Forward Voltage (Note 1)
(iF = 8 Amps, TJ = 125°C)
(iF = 8 Amps, TJ = 25°C)
vF
0.58
0.64
0.62
0.73
V
Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
iR
7
0.015
20
0.07
mA
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com