Electronic Components Datasheet Search
  English  ▼

X  

NTS8100MFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTS8100MFS
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS8100MFS Datasheet(HTML) 3 Page - ON Semiconductor

  NTS8100MFS Datasheet HTML 1Page - ON Semiconductor NTS8100MFS Datasheet HTML 2Page - ON Semiconductor NTS8100MFS Datasheet HTML 3Page - ON Semiconductor NTS8100MFS Datasheet HTML 4Page - ON Semiconductor NTS8100MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS8100MFS, NRVTS8100MFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
90
70
60
50
40
20
10
0
1.E−06
1.E−05
1.E−04
90
70
60
50
40
30
10
0
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
100
10
1
10
100
1,000
150
110
90
70
50
30
10
0
0
1
3
7
9
11
13
15
0.8
0.9
0.9
0.8
TA = 125°C
TA = 150°C
TA = 25°C
TA = 125°C
TA = 150°C
TA = 25°C
30
80
100
1.E−03
1.E−02
1.E−01
1.E+00
TA = 125°C
TA = 150°C
TA = 25°C
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
20
80
100
TA = 125°C
TA = 150°C
TA = 25°C
TJ = 25°C
130
5
2
6
8
10
12
14
4
RqJC = 2.0 °C/W
Square Wave
DC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com